Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15023ETG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15023ETG
Description  Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023ETG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15023ETG Datasheet HTML 1Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 2Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 3Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 4Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 5Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 6Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 7Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 8Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Wide 4.5V to 28V Input, Dual-Output
Synchronous Buck Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, RT = 33kΩ, CVCC = 4.7µF, CIN = 1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT/HICCUP
Cycle-by-Cycle, Low-Side,
Source Peak Current-Limit
Threshold Adjustment Range
Source peak limit = VLIM_/10
30
300
mV
LIM_ Reference Current
ILIM_
VLIM_ = 0.3V to 3V, TA = +25°C
45
50
55
µA
LIM_ Reference Current TC
VLIM_ = 0.3V
2400
ppm/°C
Number of Consecutive Current-
Limit Events to Hiccup
7
Events
Hiccup Timeout
Out of soft-start
7936
Switching
cycles
Cycle-by-Cycle, Low-Side,
Sink Peak Current-Limit Sense
Voltage
VLIM_/
20
V
BOOST
Boost Switch Resistance
VIN = VCC = 5.2V, IBST_ = 10mA
4.5
8
POWER-GOOD OUTPUTS
VFB_ rising
88.5
92.5
96.5
PGOOD_ Threshold
VFB_ falling
85.5
89.5
93.5
%
VFB(NOMINAL)
PGOOD_ Output Leakage
ILEAK_PGD VPGOOD_ = 28V, VEN_ = 5V, VFB_ = 0.8V
1
µA
PGOOD_ Output Low Voltage
VPGOOD_L IPGOOD_ = 2mA, EN_ = SGND
0.4
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
+150
°C
Thermal Shutdown Hysteresis
Temperature falling
20
°C
Note 3: All
Electrical Characteristics limits over temperature are 100% tested at room temperature and guaranteed by design over
the specified temperature range.
Note 4: Select RT as Rk
fkHz
has a
T
SW
()
((
))
(
.
Ω=
24806
24806
1 0663
1
1
farad
unit).


Similar Part No. - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG MAXIM-MAX15023ETG Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG++ MAXIM-MAX15023ETG+ Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG/V MAXIM-MAX15023ETG/V Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
More results

Similar Description - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com