Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9924 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9924 Datasheet(HTML) 16 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
16
______________________________________________________________________________________
Application Circuits (continued)
IN+
IN-
BIAS
VCC
ZERO_EN
INT_THRS
GND
COUT
EXT
TPU
PWM
μC
VPULLUP
RPULLUP
1nF
10k
Ω
10k
Ω
VR
SENSOR
+5V
1k
Ω
1k
Ω
10
μF || 0.1μF
MAX9924
MAX9926
FILTER
Figure 4. MAX9924/MAX9926 Operating Mode B
IN+
IN-
BIAS
VCC
ZERO_EN
INT_THRS
R1
GND
COUT
EXT
TPU
μC
VPULLUP
RPULLUP
R2
1nF
10k
Ω
10k
Ω
VR
SENSOR
+5V
1k
Ω
1k
Ω
10
μF || 0.1μF
MAX9924
MAX9926
Figure 5. MAX9924/MAX9926 Operating Mode C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn