Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK4046XI Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. STK4046XI
Description  AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.008%)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

STK4046XI Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating Characteristics
at Ta = 25°C, VCC = ± 55 V, RL = 8 Ω, VG = 40 dB, Rg = 600 Ω, 100 k LPF ON, RL (non-inductive)
Note: Use rated power supply for test unless otherwise specified.
* Output noise voltage represents the peak value on the rms scale (VTVM). The noise voltage waveform does not include the pulse noise.
Specified Transformer Power Supply
(MG-250 Equivalent)
Equivalent Circuit
No. 4678-2/4
STK4046XI
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Quiescent current
ICCO
VCC = ± 66 V
15
120
mA
Output power
PO
THD = 0.008 %, f = 20 Hz to 20 kHz
120
W
Total harmonic distortion
THD
PO = 1.0 W, f = 1 kHz
0.008
%
Frequency response
fL, fH
PO = 1.0 W,
dB
20 to 50k
Hz
Input resistance
ri
PO = 1.0 W, f = 1 kHz
55
k
Output noise voltage
VNO*
VCC = ± 66 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ± 66 V
–70
0
+ 70
mV
+ 0
– 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn