Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYK1100CT11 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLYK1100CT11
Description  Panel Circuit Indicators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYK1100CT11 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLYK1100CT11 Datasheet HTML 5Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 6Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 7Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 8Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 9Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 10Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 11Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 12Page - Toshiba Semiconductor TLYK1100CT11 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2008-04-14
11
3. Reel dimensions
Unit: mm
4. Leader and trailer sections of tape
Note 1: Empty trailer section
Note 2: Empty leader section
9
+1/ −0
11.4
± 1.0
2
± 0.5
φ44
(Note 1)
Leading part: 190 mm (min)
40 mm or more
(Note 2)
40 mm or more


Similar Part No. - TLYK1100CT11

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLYK1100CT11 MARKTECH-TLYK1100CT11 Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
More results

Similar Description - TLYK1100CT11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com