Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYH62T Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLYH62T
Description  Panel Circuit Indicators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYH62T Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLYH62T Datasheet HTML 1Page - Toshiba Semiconductor TLYH62T Datasheet HTML 2Page - Toshiba Semiconductor TLYH62T Datasheet HTML 3Page - Toshiba Semiconductor TLYH62T Datasheet HTML 4Page - Toshiba Semiconductor TLYH62T Datasheet HTML 5Page - Toshiba Semiconductor TLYH62T Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TL(RH,OH,YH)62T(F)
2008-12-26
1
TOSHIBA InGaAℓP LED
TLRH62T(F),TLOH62T(F),TLYH62T(F)
Panel Circuit Indicators
• φ3-mm package
• InGaAℓP technology
• Transparent lens
Emitted colors: red, orange, yellow
• High luminous intensity
• High optical output power at low current
• Applications: message boards, etc.
Color and Material
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3H1
Weight: 0.14 g(typ.)
Part Number
Color
Material
TLRH62T(F)
Red
TLOH62T(F)
Orange
TLYH62T(F)
Yellow
P
InGaAl
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com
Optoelectronics
Marktech


Similar Part No. - TLYH62T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYH62T TOSHIBA-TLYH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
TLYH62TF TOSHIBA-TLYH62TF Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
More results

Similar Description - TLYH62T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com