Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3283EAUTT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3283EAUTT
Description  ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3283EAUTT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3283EAUTT Datasheet HTML 1Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 2Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 3Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 4Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 5Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 6Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 7Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 8Page - Maxim Integrated Products MAX3283EAUTT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX3280E/MAX3281E/MAX3283E/MAX3284E are
single receivers designed for RS-485 and RS-422 com-
munication. These devices guarantee data rates up to
52Mbps, even with a 3V power supply. Excellent propa-
gation delay (15ns max) and package-to-package
skew time (8ns max) make these devices ideal for mul-
tidrop clock distribution applications.
The MAX3280E/MAX3281E/MAX3283E/MAX3284E
have true fail-safe circuitry, which guarantees a logic-
high receiver output when the receiver inputs are
opened or shorted. The receiver output will be a logic
high if all transmitters on a terminated bus are disabled
(high impedance). These devices feature 1/4-unit-load
receiver input impedance, allowing up to 128 receivers
on the same bus.
The MAX3280E is a single receiver available in a 5-pin
SOT23 package. The MAX3281E/MAX3283E single
receivers have a receiver enable (EN or EN) function
and are offered in a 6-pin SOT23 package. The
MAX3284E features a voltage logic pin that allows com-
patibility with low-voltage logic levels, as in digital
FPGAs/ASICs. On the MAX3284E, the voltage threshold
for a logic high is user-defined by setting VL in the
range from 1.65V to VCC. The MAX3284E is also
offered in a 6-pin SOT23 package.
Applications
Clock Distribution
Telecom Racks
Base Stations
Industrial Control
Local Area Networks
Features
♦ ESD Protection:
±15kV Human Body Model
±6kV IEC 1000-4-2, Contact Discharge
±12kV IEC 1000-4-2, Air-Gap Discharge
♦ Guaranteed 52Mbps Data Rate
♦ Guaranteed 15ns Receiver Propagation Delay
♦ Guaranteed 2ns Receiver Skew
♦ Guaranteed 8ns Package-to-Package Skew Time
♦ VL Pin for Connection to FPGAs/ASICs
♦ Allow Up to 128 Transceivers on the Bus
(1/4-unit-load)
♦ Tiny SOT23 Package
♦ True Fail-Safe Receiver
♦ -7V to +12V Common-Mode Range
♦ 3V to 5.5V Power-Supply Range
♦ Enable (High and Low) Pins for Redundant
Operation
♦ Three-State Output Stage (MAX3281E/MAX3283E)
♦ Thermal Protection Against Output Short Circuit
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2320; Rev 1; 3/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX3280EAUK+T
-40°C to +125°C
5 SOT23-5
ADVM
MAX3281EAUT+T
-40°C to +125°C
6 SOT23-6
ABAT
MAX3283EAUT+T
-40°C to +125°C
6 SOT23-6
ABAU
MAX3284EAUT+T
-40°C to +125°C
6 SOT23-6
ABAV
Selector Guide
PART
VL
ENABLE
DATA RATE
PACKAGE
MAX3280E
52Mbps
5-Pin SOT23
MAX3281E
Active High
52Mbps
6-Pin SOT23
MAX3283E
Active Low
52Mbps
6-Pin SOT23
MAX3284E
52Mbps (Note 1)
6-Pin SOT23
Note 1: MAX3284E data rate is dependent on VL.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - MAX3283EAUTT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX3283EAUT ETC-MAX3283EAUT Datasheet
45Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3283EAUT+T MAXIM-MAX3283EAUT+T Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3283EAUT+T MAXIM-MAX3283EAUT+T Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3283EAUT+T MAXIM-MAX3283EAUT+T Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3283EAUT-T MAXIM-MAX3283EAUT-T Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results

Similar Description - MAX3283EAUTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com