Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3293 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3293
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3293_11 Datasheet HTML 3Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 4Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 5Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 9Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 10Page - Maxim Integrated Products MAX3293_11 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Reduced EMI and Reflections
(MAX3293/MAX3294)
The MAX3293/MAX3294 are slew-rate limited, minimiz-
ing EMI and reducing reflections caused by improperly
terminated cables. Figure 12 shows Fourier analysis of
the MAX3295 transmitting a 125kHz signal. High-fre-
quency harmonics with large amplitudes are evident.
Figure 13 shows the same information, but for the slew-
rate-limited MAX3293, transmitting the same signal.
The high-frequency harmonics have much lower ampli-
tudes, and the potential for EMI is significantly reduced.
To minimize reflections, the line should be terminated at
both ends in its characteristic impedance, and stub
lengths off the main line should be kept as short as
possible. The slew-rate-limited MAX3293 and MAX3294
are more tolerant of imperfect termination.
Driver-Output Protection
Two mechanisms prevent excessive output current and
power dissipation caused by faults or by bus contention.
The first, a foldback current limit on the output stage,
provides immediate protection against short circuits over
the whole common-mode voltage range (see the
Typical
Operating Characteristics). The second, a thermal-shut-
down circuit, forces the driver outputs into a high-imped-
ance state if the die temperature exceeds +160°C.
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
10
______________________________________________________________________________________
Figure 12. Driver-Output Waveform and FFT Plot of MAX3295
Transmitting a 125kHz Signal
Figure 13. Driver-Output Waveform and FFT Plot of MAX3293
Transmitting a 125kHz Signal
DRIVER-OUTPUT WAVEFORM AND
FFT PLOT OF MAX3293
10dB/div
Chip Information
PROCESS: BiCMOS
DRIVER-OUTPUT WAVEFORM AND
FFT PLOT OF MAX3295
10dB/div
VCC
Z
DE
16
Y
+
5
GND
DI
MAX3293
MAX3294
MAX3295
SOT23-6
TOP VIEW
2
34
Pin Configuration
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 SOT23
U6CN+2
21-0058
90-0175


Similar Part No. - MAX3293_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
More results

Similar Description - MAX3293_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com