Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA498-02 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPA498-02
Description  HIGH VOLTAGE RECTIFIER BRIDGE STACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA498-02 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPA498-02 Datasheet HTML 1Page - Solid States Devices, Inc SPA498-02 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0026A
DOC
ELECTRICAL CHARACTERISTICS, @ TA = 25 oC (unless otherwise specified)
PARAMETER, per each Bridge (CR1-CR6) Leg
SYMBOL
MIN
TYP
MAX
UNIT
Instantaneous Forward Voltage Drop
(IF = 1.0A, 300 – 500 µsec pulse)
VF1
-
-
1.9
Volts
Reverse Leakage
(VR = 1000V, 300 µsec pulse minimum)
TA = 25
oC
TA = 100
oC
IR1
IR2
-
-
-
-
5.0
500
µAmps
Reverse Recovery Time
(IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A)
tRR
-
70
-
nsec
CASE OUTLINES: ASPM
Tolerances (unless specified):
.XX±.03
.XXX±.010
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA498-02


Similar Part No. - SPA498-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA498-01 SSDI-SPA498-01 Datasheet
141Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
More results

Similar Description - SPA498-02

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPX2090 SSDI-SPX2090 Datasheet
38Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094_1 Datasheet
140Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094 Datasheet
144Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPA498-01 SSDI-SPA498-01 Datasheet
141Kb / 2P
   HIGH VOLTAGE RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E_15 Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
logo
Toshiba Semiconductor
25J4B41 TOSHIBA-25J4B41 Datasheet
193Kb / 1P
   RECTIFIER STACK (BRIDGE)
logo
Solid States Devices, I...
PM0015C SSDI-PM0015C Datasheet
56Kb / 2P
   RECTIFIER BRIDGE STACK
PM0016B SSDI-PM0016B Datasheet
141Kb / 2P
   RECTIFIER BRIDGE STACK
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
   RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com