Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68360 Datasheet(PDF) 79 Page - Motorola, Inc

Part # MC68360
Description  QUad Integrated Communications Controller Users Manual
Download  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68360 Datasheet(HTML) 79 Page - Motorola, Inc

Back Button MC68360 Datasheet HTML 75Page - Motorola, Inc MC68360 Datasheet HTML 76Page - Motorola, Inc MC68360 Datasheet HTML 77Page - Motorola, Inc MC68360 Datasheet HTML 78Page - Motorola, Inc MC68360 Datasheet HTML 79Page - Motorola, Inc MC68360 Datasheet HTML 80Page - Motorola, Inc MC68360 Datasheet HTML 81Page - Motorola, Inc MC68360 Datasheet HTML 82Page - Motorola, Inc MC68360 Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 962 page
background image
Bus Operation
MOTOROLA
MC68360 USER’S MANUAL
4-3
4.1.1 Bus Control Signals
The QUICC initiates a bus cycle by driving the address, size, function code, and read/write
outputs. At the beginning of a bus cycle, SIZ1 and SIZ0 are driven with the FC signals. SIZ1
and SIZ0 indicate the number of bytes remaining to be transferred during an operand cycle
(consisting of one or more bus cycles). Table 4-3 lists the encoding of SIZ1 and SIZ0. These
signals are valid while AS is asserted.
The R/W signal determines the direction of the transfer during a bus cycle. Driven at the
beginning of a bus cycle, R/W is valid while AS is asserted. R/W only transitions when a write
cycle is preceded by a read cycle or vice versa. The signal may remain low for consecutive
write cycles.
The RMC signal is asserted at the beginning of the first bus cycle of a read-modify-write
operation and remains asserted until completion of the final bus cycle of the operation.
4.1.2 Function Codes (FC3–FC0)
The FCx signals are outputs that indicate one of 16 address spaces to which the address
applies. Fifteen of these spaces are designated as either a normal or DMA cycle, user or
supervisor, and program or data spaces. One other address space is designated as CPU
space to allow the CPU32+ to acquire specific control information not normally associated
with read or write bus cycles. The FCx signals are valid while AS is asserted.
Function codes (see Table 4-1) can be considered as extensions of the 32-bit address that
can provide up to eight different 4-Gbyte address spaces. Function codes are automatically
generated by the CPU32+ to select address spaces for data and program at both user and
supervisor privilege levels, and a CPU address space for processor functions. User pro-
grams access only their own program and data areas to increase protection of system integ-
rity and can be restricted from accessing other information. The S-bit in the CPU32+ status
register is set for supervisor accesses and cleared for user accesses to provide differentia-
tion. Refer to 4.4 CPU Space Cycles for more information.
Table 4-1. Address Space Encoding
Function Code Bits
3210
Address Spaces
0000
Reserved (Motorola)
0001
User Data Space
0010
User Program Space
0011
Reserved (User)
0100
Reserved (Motorola)
0101
Supervisor Data Space
0110
Supervisor Program Space
0111
Supervisor CPU Space
1
x
x
x
DMA space


Similar Part No. - MC68360

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68360 FREESCALE-MC68360 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
MC68360 FREESCALE-MC68360 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
logo
NXP Semiconductors
MC68360 NXP-MC68360 Datasheet
429Kb / 3P
   Implementing an 8 bit Eprom for an MC68EC040/MC68360 System
logo
Freescale Semiconductor...
MC68360AD FREESCALE-MC68360AD Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68360AI25VL FREESCALE-MC68360AI25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
More results

Similar Description - MC68360

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
   Integrated Processor Users Manual
logo
List of Unclassifed Man...
IS-C1603 ETC2-IS-C1603 Datasheet
1Mb / 45P
   IS-C1603 Intelligent Controller Users Manual
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
List of Unclassifed Man...
IS-C1603H ETC2-IS-C1603H Datasheet
1Mb / 47P
   IS-C1603H Intelligent Controller Users Manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com