Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68360 Datasheet(PDF) 61 Page - Motorola, Inc

Part # MC68360
Description  QUad Integrated Communications Controller Users Manual
Download  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68360 Datasheet(HTML) 61 Page - Motorola, Inc

Back Button MC68360 Datasheet HTML 57Page - Motorola, Inc MC68360 Datasheet HTML 58Page - Motorola, Inc MC68360 Datasheet HTML 59Page - Motorola, Inc MC68360 Datasheet HTML 60Page - Motorola, Inc MC68360 Datasheet HTML 61Page - Motorola, Inc MC68360 Datasheet HTML 62Page - Motorola, Inc MC68360 Datasheet HTML 63Page - Motorola, Inc MC68360 Datasheet HTML 64Page - Motorola, Inc MC68360 Datasheet HTML 65Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 962 page
background image
Signal Descriptions
MOTOROLA
MC68360 USER’S MANUAL
2-13
NOTE
All CONFIG pins do have an internal pull-up resistor during re-
set. If a configuration other than the default (CONFIG2-1 = 111)
is desired, these pins should be driven by an active open collec-
tor device during the assertion of RESETH.
2.1.14 Power Signals
The following signals are used for power and ground to the QUICC.
2.1.14.1 VCCSYN AND GNDSYN. These pins provide power and ground to the clock syn-
thesizer. They should be bypassed to each other with a 0.1-
µF capacitor. See the system
clock generation description in Section 6 System Integration Module (SIM60) for more
details.
2.1.14.2 VCCCLK AND GNDCLK. These pins provide power and ground to the clock out-
put pins (CLKO1 and CLKO2). They should be bypassed to each other with a 0.1-
µF capac-
itor. See the system clock generation description in Section 6 System Integration Module
(SIM60) for more detail.
2.1.14.3 GNDS1 AND GNDS2. These two pins are special ground pins that, if used prop-
erly, allow more aggressive timing to be provided on certain system bus pins. These pins
include AS, CASx, and IPIPE. Section 10 Electrical Characteristics already shows the
aggressive timing; the user does not need to modify any values in the section. GNDS1 and
GNDS2 should be connected to a quiet ground source or to a low-noise ground plane.
2.1.14.4 VCC AND GND. These pins are the rest of the power and ground connections for
the QUICC.
2.1.14.5 NC4–NC1. These four pins should not be connected on the QUICC package. They
are reserved for future enhancements.
Table 2-6. Initial Configuration
Configuration Pins
CONFIG2/
FREEZE
CONFIG1/
BCLRO
CONFIG0/
RMC
Result
0
0
0
Slave mode; global CS 8-bit size; MBAR at $003FF00.
001
Slave mode; global CS 32-bit size; MBAR at $003FF00; not MC68040 com-
panion mode; BR output, BG input.
0
1
0
Slave mode; global CS 16-bit size; MBAR at $003FF00.
011
MC68040 companion mode; global CS 32-bit size; MBAR at $003FF00; BR
input, BG output.
1
0
0
CPU enabled; global CS 32-bit size; MBAR at $003FF00.
1
0
1
CPU enabled; global CS 16-bit size; MBAR at $003FF00.
1
1
0
Slave mode; global CS disabled; MBAR at $003FF04.
1
1
1
CPU enabled; global CS 8-bit size; MBAR at $003FF00. (Default)


Similar Part No. - MC68360

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68360 FREESCALE-MC68360 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
MC68360 FREESCALE-MC68360 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
logo
NXP Semiconductors
MC68360 NXP-MC68360 Datasheet
429Kb / 3P
   Implementing an 8 bit Eprom for an MC68EC040/MC68360 System
logo
Freescale Semiconductor...
MC68360AD FREESCALE-MC68360AD Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68360AI25VL FREESCALE-MC68360AI25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
More results

Similar Description - MC68360

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
   Integrated Processor Users Manual
logo
List of Unclassifed Man...
IS-C1603 ETC2-IS-C1603 Datasheet
1Mb / 45P
   IS-C1603 Intelligent Controller Users Manual
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
List of Unclassifed Man...
IS-C1603H ETC2-IS-C1603H Datasheet
1Mb / 47P
   IS-C1603H Intelligent Controller Users Manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com