Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68360 Datasheet(PDF) 42 Page - Motorola, Inc

Part # MC68360
Description  QUad Integrated Communications Controller Users Manual
Download  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68360 Datasheet(HTML) 42 Page - Motorola, Inc

Back Button MC68360 Datasheet HTML 38Page - Motorola, Inc MC68360 Datasheet HTML 39Page - Motorola, Inc MC68360 Datasheet HTML 40Page - Motorola, Inc MC68360 Datasheet HTML 41Page - Motorola, Inc MC68360 Datasheet HTML 42Page - Motorola, Inc MC68360 Datasheet HTML 43Page - Motorola, Inc MC68360 Datasheet HTML 44Page - Motorola, Inc MC68360 Datasheet HTML 45Page - Motorola, Inc MC68360 Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 962 page
background image
Introduction
1-12
MC68360 USER’S MANUAL
MOTOROLA
Figure 1-8. UART LAN Implementation
Figure 1-9 shows how the SPIs on the QUICC can be used to connect devices together into
a local bus. The SPI exists on many other Motorola devices, such as the MC68HC11 micro-
controller, and a number of peripherals such as A/D and D/A converters, LED drivers, LCD
drivers, real-time clocks, serial EEPROM, PLL frequency synthesizers, and shift registers.
Figure 1-9. SPI Local Bus Implementation
QUICC
QUICC
MC68302
SCC
SCC
SCC
MULTI-DROP
UART
NOTES:
1. Simple LAN based on UART mode.
2. Ninth bit is an "address" bit.
QUICC
SPI
MASTER/SLAVE
QUICC
SPI
MASTER/SLAVE
QUICC
SPI
MASTER/SLAVE
SPI BUS
NOTE: SPI bus configuration—each QUICC
can be the master in turn.


Similar Part No. - MC68360

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68360 FREESCALE-MC68360 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
MC68360 FREESCALE-MC68360 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
logo
NXP Semiconductors
MC68360 NXP-MC68360 Datasheet
429Kb / 3P
   Implementing an 8 bit Eprom for an MC68EC040/MC68360 System
logo
Freescale Semiconductor...
MC68360AD FREESCALE-MC68360AD Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68360AI25VL FREESCALE-MC68360AI25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
More results

Similar Description - MC68360

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
   Integrated Processor Users Manual
logo
List of Unclassifed Man...
IS-C1603 ETC2-IS-C1603 Datasheet
1Mb / 45P
   IS-C1603 Intelligent Controller Users Manual
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
List of Unclassifed Man...
IS-C1603H ETC2-IS-C1603H Datasheet
1Mb / 47P
   IS-C1603H Intelligent Controller Users Manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com