Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1765 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1765
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1765_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 9Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 10Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 11Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 12Page - Maxim Integrated Products MAX1765_11 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
_______________________________________________________________________________________
9
PIN
NAME
FUNCTION
1
FBL
Low-Dropout Linear Regulator Dual-Mode Feedback Input. Connect FBL to ground for 2.85V nominal
output voltage. Connect FBL to a resistor-divider from OUTL to ground for an adjustable output voltage.
FBL regulates to 1.25V.
2
ISET
Set N-Channel Current Limit. For maximum current limit, connect ISET to REF. To reduce current limit,
use a resistor-divider from REF to GND. If soft-start is desired, a capacitor can be added from ISET to
GND. When ONA = LO and ONB = HI or VREF < 80% of nominal value, an on-chip 100k
Ω switchable
resistor discharges ISET to GND.
3
REF
1.25V Reference Output. Connect a 0.22µF bypass capacitor to GND; 50µA of external load current is
allowed. The reference is enabled if ONA = HI, ONB = LO, or ONL = HI.
4
GND
Ground. Connect to PGND with short trace.
5FB
Boost Converter Feedback Input. Connect a resistor-divider between OUT and GND to set the output
voltage in the range of 2.5V to 5V. In track mode, FB is disabled after OUTL is in regulation.
6
OUT
Boost Converter IC power is derived from OUT. Connect OUT to POUT through a 4.7
Ω resistor and
bypass to GND with a 0.68µF capacitor.
7
ONA
ON Input. When high, the DC-DC is operational (Table 2).
8
CLK/SEL
CLOCK Input for the DC-DC Converter. Also serves to program operating mode of switch as follows:
CLK/SEL = LOW: Normal mode. Operates at a fixed frequency, automatically switching to low-power
(SKIP) mode when the load is minimized.
CLK/SEL = HI: Forced PWM mode. Operates in low-noise, constant-frequency mode at all loads.
CLK/SEL = Clocked: Synchronized forced PWM mode. The internal oscillator is synchronized to an
external clock in the 500kHz to 1200kHz frequency range.
Pin Description
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
SWITCH CURRENT LIMIT vs. VISET
VISET (V)
VOUT = +3.3
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
LIGHT-LOAD SWITCHING WAVEFORMS
(VIN = +2.4V, VOUT = +3.3V, IOUT = 10mA)
MAX1765 toc17
A: LX NODE, 5V/div
B: INDUCTOR CURRENT, 200mA/div, AC-COUPLED
C: OUTPUT RIPPLE, 20mV/div, AC-COUPLED
A
B
C
500ns/div
450
0.1
1
10
LINEAR-REGULATOR OUTPUT NOISE
50
0
FREQUENCY (MHz)
150
250
350
ILDO = 200mA
VLDO = 2.85V


Similar Part No. - MAX1765_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
   60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
MAX1765EEE MAXIM-MAX1765EEE Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
MAX1765EUE MAXIM-MAX1765EUE Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
MAX1765EVKIT MAXIM-MAX1765EVKIT Datasheet
208Kb / 7P
   Both Outputs Are Adjustable with External Resistors
Rev 0; 12/00
More results

Similar Description - MAX1765_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com