Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX339HASD+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # LMX339HASD+T
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339HASD+T Datasheet(HTML) 8 Page - Maxim Integrated Products

  LMX339HASD+T Datasheet HTML 1Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 2Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 3Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 4Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 5Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 6Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 7Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 8Page - Maxim Integrated Products LMX339HASD+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
8
_______________________________________________________________________________________
1) Find output voltage when output is high:
VOUT(HIGH) = VDD - ILOAD RL
2) Find the trip points of the comparator using these
formulas:
VTH = VREF + ((VOUT(HIGH) - VREF)R2) / (R1 + R2)
VTL = VREF(1 - (R2 / (R1 + R2)))
where VTH is the threshold voltage at which the com-
parator switches its output from high to low as VIN rises
above the trip point, and VTL is the threshold voltage at
which the comparator switches its output from low to
high as VIN drops below the trip point.
3) The hysteresis band will be:
VHYST = VTH - VTL = VDD(R2 / (R1 + R2))
In this example, let VDD = 5V, VREF = 2.5V, ILOAD =
50nA, RL = 5.1k
Ω:
VOUT(HIGH) = 5.0V - (50 10-9 5.1 103
Ω) ≈ 5.0V
VTH = 2.5V + 2.5V(R2 / (R1 + R2))
VTL = 2.5V(1 - (R2 / (R1 + R2)))
Select R2. In this example, we will choose 1k
Ω.
Select VHYST. In this example, we will choose 50mV.
Solve for R1:
VHYST = VOUT(HIGH)(R2 / (R1 + R2)) V
0.050V = 5(1000 / (R1 + 1000)) V
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
Choose R1 and R2 to be large enough as not to exceed
the amount of current the reference can supply.
The source current required is VREF / (R1 + R2).
The sink current is (VOUT(HIGH) - VREF) (R1 + R2).
Choose RL to be large enough to avoid drawing excess
current, yet small enough to supply the necessary cur-
rent to drive the load. RL should be between 1k
Ω and
10k
Ω.
Board Layout and Bypassing
Use 0.1µF bypass capacitors from VDD to VSS. To max-
imize performance, minimize stray inductance by
putting this capacitor close to the VDD pin and reduc-
ing trace lengths. For slow-moving input signals (rise
time > 1ms), use a 1nF capacitor between IN+ and IN-
to reduce high-frequency noise.
Chip Information
LMX331/LMX331H TRANSISTOR COUNT: 112
LMX393/LMX393H TRANSISTOR COUNT: 211
LMX339/LMX339H TRANSISTOR COUNT: 411
LMX331
R1
R2
IN+
IN-
VDD
VOUT
VSS
VREF
VIN
VDD
OUT
RL
Figure 2. Adding Hysteresis with External Resistors
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
DOCUMENT
NO.
LAND
PATTERN NO.
5 SC70
X5+1
21-0076
90-0188
5 SOT23
U5+2
21-0057
90-0174
8 SOT23
K8F+4
21-0078
90-0176
8 µMAX
U8+1
21-0036
90-0092
14 TSSOP
U16M+1
21-0066
90-0117
14 SOIC
S8+4
21-0041
90-0041


Similar Part No. - LMX339HASD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX339HASD MAXIM-LMX339HASD Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
More results

Similar Description - LMX339HASD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
   General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com