Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21-Y2C-AS1T1-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21-Y2C-AS1T1-2T
Description  T O P V ie w L E D s
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-Y2C-AS1T1-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21-Y2C-AS1T1-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-Y2C-AS1T1-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Data Sheet
TOP View LEDs
67-21/Y2C-AS1T1/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 10
Device No.:DSE-0000921
Prepared date: 19-Feb.-2009
Prepared by: Rita Shen
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Peak Forward Current (Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
120
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Notes:
1.Tolerance of Luminous Intensity: ±11%
2.Tolerance of Dominant Wavelength: ±1nm
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
180
-----
360
mcd
Viewing Angle
2θ1/2
-----
120
-----
deg
Peak Wavelength
λp
-----
591
-----
nm
Dominant Wavelength
λd
585.5
-----
594.5
nm
Spectrum Radiation Bandwidth
Δλ
-----
15
-----
nm
Forward Voltage
VF
-----
2.0
2.4
V
IF=20mA


Similar Part No. - 67-21-Y2C-AS1T1-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-Y2C-AS1T1-2T EVERLIGHT-67-21-Y2C-AS1T1-2T Datasheet
265Kb / 10P
   TOP View LEDs
More results

Similar Description - 67-21-Y2C-AS1T1-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-Y2C-AP1Q1B-2T EVERLIGHT-67-21-Y2C-AP1Q1B-2T Datasheet
263Kb / 10P
   T O P V ie w L E D s
logo
E-Tech Electronics LTD
GSS1120 ETL-GSS1120 Datasheet
276Kb / 3P
   D u a l 1 A L o w D r o p o u t P o s i t i v e R e g u l a t o r
GE1117A50 ETL-GE1117A50 Datasheet
243Kb / 4P
   1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
GE1147-50 ETL-GE1147-50 Datasheet
243Kb / 4P
   1 A L O W D R O P O U T P O S I T I V E R E G U L AT O R
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GE2138 ETL-GE2138 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
GE2148 ETL-GE2148 Datasheet
424Kb / 5P
   1 . 5 A C M O S L o w D r o p o u t V o l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com