Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26324G Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS26324G
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26324G Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS26324G Datasheet HTML 7Page - Maxim Integrated Products DS26324G Datasheet HTML 8Page - Maxim Integrated Products DS26324G Datasheet HTML 9Page - Maxim Integrated Products DS26324G Datasheet HTML 10Page - Maxim Integrated Products DS26324G Datasheet HTML 11Page - Maxim Integrated Products DS26324G Datasheet HTML 12Page - Maxim Integrated Products DS26324G Datasheet HTML 13Page - Maxim Integrated Products DS26324G Datasheet HTML 14Page - Maxim Integrated Products DS26324G Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
11 of 120
NAME
PIN
TYPE
FUNCTION
RESREF
R9
Analog
input
Resistor Reference. If fully internal receive impedance match is
selected, a 16k
Ω ±1% resistor to GND is needed. If not used, tie pin
low.
RRING1
A2
Analog
input
Receive Bipolar Ring for Channels 1–16. Receive analog input for
differential receiver. Data and clock are recovered and output at
RPOS/RNEG and RCLK pins, respectively. The differential inputs of
RTIPn and RRINGn can provide internal impedance matching with
external resistance for E1 75
Ω, E1 120Ω, T1 100Ω, or J1 110Ω.
RRING2
C2
RRING3
H2
RRING4
N2
RRING5
R1
RRING6
R3
RRING7
R8
RRING8
R13
RRING9
T15
RRING10
P15
RRING11
J15
RRING12
D15
RRING13
B16
RRING14
B14
RRING15
B9
RRING16
B4
DIGITAL Tx/Rx
TPOS1/TDATA1
F6
I
Transmit Positive Data Input for Channels 1–6. When DS26324 is
configured in dual-rail mode, the data input to TPOSn is output as a
positive pulse on the line (tip and ring).
Transmit Data Input for Channels 1–16. When the device is
configured in single-rail mode NRZ data is input to TDATAn. The data
is sampled on the falling edge of TCLKn and encoded HDB3/B8ZS or
AMI before being output to the line.
TPOS2/TDATA2
G7
TPOS3/TDATA3
J6
TPOS4/TDATA4
K6
TPOS5/TDATA5
L9
TPOS6/TDATA6
N5
TPOS7/TDATA7
P12
TPOS8/TDATA8
M11
TPOS9/TDATA9
L11
TPOS10/TDATA10
J11
TPOS11/TDATA11
G11
TPOS12/TDATA12
C14
TPOS13/TDATA13
F9
TPOS14/TDATA14
E7
TPOS15/TDATA15
N12
TPOS16/TDATA16
D5
TNEG1
C3
I
Transmit Negative Data for Channels 1–16. When DS26324 is
configured in dual-rail mode. The data input to TNEGn is output as a
negative mark on the line. TPOS and TNEG in dual-rail mode result in
positive and negative pulses sent on the line:
TNEG2
J14
TNEG3
J5
TNEG4
G10
TNEG5
M6
TNEG6
P6
TNEG7
P7
TPOSn
TNEGn
OUTPUT PULSE
TNEG8
K9
0
0
Space
TNEG9
L12
0
1
Negative mark
TNEG10
J12
1
0
Positive mark
TNEG11
H11
1
1
Space
TNEG12
E13
TNEG13
G8
TNEG14
F7
TNEG15
C6
TNEG16
C5


Similar Part No. - DS26324G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324G MAXIM-DS26324G Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Dallas Semiconductor
DS26324G DALLAS-DS26324G Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324GN MAXIM-DS26324GN Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Dallas Semiconductor
DS26324GN DALLAS-DS26324GN Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
More results

Similar Description - DS26324G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com