Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2712Z+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2712Z+T
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712Z+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2712Z+T Datasheet HTML 6Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 7Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 8Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 9Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 10Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 11Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 12Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 13Page - Maxim Integrated Products DS2712Z+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
10 of 15
Charge Timer
The charge timer monitors the duration of charge in fast and top-off charge phases, and is reset at the beginning of
each phase. The timeout period is set with an external resistor connected from the TMR pin to VSS. Resistors can
be selected to support fast-charge timeout periods of 0.5 to 10 hours and top-off charge timeout periods of 0.25 to
5 hours. If the timer expires in fast-charge, the timer count is reset and charging proceeds to the top-off charge
phase. The top-off timeout period is half of the fast charge timeout period. If the timer expires in top-off, charging
proceeds to the maintenance phase. The programmed charge time approximately follows the equation:
t = 1.5 x R/1000 (time in minutes)
Suspend
Suspension of charge activity is possible by disconnecting the TMR pin. The CC1 and CC2 outputs become high-Z
and the charge timer stops. The state machine and all timers are reset to their presence test conditions.
Temperature Sense
Connecting an external 10k
Ω NTC thermistor between THM1 or THM2 (THMx) and V
SS, and a 10kΩ bias resistor
between VDD and THMx allows the DS2711 to sense temperature. To sense the temperature of the battery cells,
locate the thermistor close to the body of the battery cell so THM1 monitors the temperature of cell-1 and THM2
monitors the temperature of cell-2. Alternatively, the thermistor can sense ambient temperature by locating it away
from the cells. THM1 and THM2 can be connected together to sense temperature using a single thermistor and
bias resistor. The temperature qualification function can be defeated by connecting THM1 and THM2 to a single
resistor-divider supplying a voltage between the Thermistor-Min and Thermistor-Max threshold voltages. Several
recommended 10k
Ω thermistors are shown in Table 2.
Min, Max Temperature Compare
The voltage thresholds of the THMx inputs (VTHM-MIN, VTHM-MAX) are set to allow fast charging to start if 0
°C <
TA < 45°C when using the recommended 10kΩ bias and 10kΩ thermistor. If fast charging is in progress, and the
voltage on THMx reaches VTHM-STOP, fast charging stops and the maintenance phase begins.
Table 1. THM1, THM2 Thresholds
THM
THRESHOLD
RATIO OF VDD
THERMISTOR
RESISTANCE
(
Ω)
TEMPERATURE (
°C)
Semitec 103AT-2
Fenwal
197-103LAG-A01
173-103LAF-301
MIN
0.73
27.04k
0
4
MAX
0.33
4.925k
45
42
STOP
0.29
4.085k
50
47
Figure 7. Cell Voltage Sense Points
Vcell1
Vcell2
VN1
VN0
VP1
VP2
Charge Source
Vcell1
Vcell2
CC1
CC1
CC2
VP1
VN1
VP2
VN0
Series Configuration
Parallel Configuration
Charge Source


Similar Part No. - DS2712Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712Z+TR MAXIM-DS2712Z+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2712Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com