Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302FC16 Datasheet(PDF) 39 Page - Motorola, Inc

Part # MC68302FC16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC16 Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MC68302FC16 Datasheet HTML 35Page - Motorola, Inc MC68302FC16 Datasheet HTML 36Page - Motorola, Inc MC68302FC16 Datasheet HTML 37Page - Motorola, Inc MC68302FC16 Datasheet HTML 38Page - Motorola, Inc MC68302FC16 Datasheet HTML 39Page - Motorola, Inc MC68302FC16 Datasheet HTML 40Page - Motorola, Inc MC68302FC16 Datasheet HTML 41Page - Motorola, Inc MC68302FC16 Datasheet HTML 42Page - Motorola, Inc MC68302FC16 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 480 page
background image
MC68000/MC68008 Core
MOTOROLA
MC68302 USER’S MANUAL
2-9
NOTES:
1. Vector numbers 12–14, 16–23, and 48–63 are reserved for future enhancements by Motorola
(with vectors 60–63 being used by the M68302 (see 2.7 MC68302 IMP Configuration and
Control)). No user peripheral devices should be assigned these numbers.
2. Unlike the other vectors which only require two words, reset vector (0) requires four words and is
located in the supervisor program space.
3. The spurious interrupt vector is taken when there is a bus error indication during interrupt
processing.
4. TRAP # n uses vector number 32 + n.
2.4.2 Exception Stacking Order
Exception processing saves the most volatile portion of the current processor context on top
of the supervisor stack. This context is organized in a format called the exception stack
frame. The amount and type of information saved on the stack is determined by the type of
exception. The reset exception causes the M68000 to halt current execution and to read a
new SSP and PC as shown in Table 2-5. A bus error or address error causes the M68000
to store the information shown in Figure 2-3. The interrupts, traps, illegal instructions, and
trace stack frames are shown in Figure 2-4.
11
44
02C
SD
Line 1111 Emulator
121
48
030
SD
(Unassigned, Reserved)
131
52
034
SD
(Unassigned, Reserved)
141
56
038
SD
(Unassigned, Reserved)
15
60
03C
SD
Uninitialized Interrupt Vector
16–231
64
040
SD
(Unassigned, Reserved)
92
05C
SD
24
96
060
SD
Spurious Interrupt3
25
100
064
SD
Level 1 Interrupt Autovector
26
104
068
SD
Level 2 Interrupt Autovector
27
108
06C
SD
Level 3 Interrupt Autovector
28
112
070
SD
Level 4 Interrupt Autovector
29
116
074
SD
Level 5 Interrupt Autovector
30
120
078
SD
Level 6 Interrupt Autovector
31
124
07C
SD
Level 7 Interrupt Autovector
32–47
128
080
SD
TRAP Instruction Vectors4
188
0BC
SD
48–631
192
0C0
SD
(Unassigned, Reserved)
255
0FC
SD
64–255
256
100
SD
User Interrupt Vectors
1020
3FC
SD
Table 2-5. M68000 Exception Vector Assignment


Similar Part No. - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302FC16 MOTOROLA-MC68302FC16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
More results

Similar Description - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com