Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3170 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # DS3170
Description  DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Download  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3170 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button DS3170_11 Datasheet HTML 49Page - Maxim Integrated Products DS3170_11 Datasheet HTML 50Page - Maxim Integrated Products DS3170_11 Datasheet HTML 51Page - Maxim Integrated Products DS3170_11 Datasheet HTML 52Page - Maxim Integrated Products DS3170_11 Datasheet HTML 53Page - Maxim Integrated Products DS3170_11 Datasheet HTML 54Page - Maxim Integrated Products DS3170_11 Datasheet HTML 55Page - Maxim Integrated Products DS3170_11 Datasheet HTML 56Page - Maxim Integrated Products DS3170_11 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 230 page
background image
DS3170 DS3/E3 Single-Chip Transceiver
53 of 230
10 FUNCTIONAL DESCRIPTION
10.1 Processor Bus Interface
10.1.1 SPI Serial Port Mode
The external processor bus can be configured to operate in SPI serial bus mode. See the section 8.3.4.1 for
detailed timing diagrams.
When SPI = 1, SPI bus mode is implemented using four signals: clock (CLK), master-out slave-in data (MOSI),
master-in slave-out data (MISO), and chip select (
CS). Clock polarity and phase can be set by the D[7]/SPI_CPOL
and D[6]/SPI_CPHA pins.
The order of the address and data bits in the serial stream is selectable using the D[5]/SPI_SWAP pin. The R/W bit
is always first and B bit is always last in the initial control word and are not effected by the D[5]/SPI_SWAP pin
setting.
10.1.2 8/16 Bit Bus Widths
The external processor bus can be sized for 8 or 16 bits using the WIDTH pin. When in 8-bit mode (WIDTH=0), the
address is composed of all the address bits including A[0], the lower 8 data lines D[7:0] are used and the upper 8
data lines D[15:8] are not used and never driven during a read cycle. When in 16-bit mode (WIDTH=1), the
address bus does not include A[0] (the LSB of the address bus is not routed to the chip) and all 16 data lines
D[15:0] are used. See Figure 8-27 and Figure 8-29 for functional timing diagrams.
10.1.3 Ready Signal (
RDY)
The
RDY signal allows the microprocessor to use the minimum bus cycle period for maximum efficiency. When
this signal goes low, the
RD or WR cycle can be terminated. See Figure 8-35 for functional timing diagrams.
Note: The
RDY signal will not go active if the user attempts to read or write unused registers not assigned to any
design blocks. The
RDY signal will go active if the user writes or reads reserved registers or unused registers within
design blocks.
10.1.4 Byte Swap Modes
The processor interface can operate in byte swap mode when the data bus is configured for 16-bit operation. The
A[0]/BSWAP pin is used to determine whether byte swapping is enabled. This pin should be static and not change
while operating. When the A[0]/BSWAP pin is low the upper register bits REG[15:8] are mapped to the upper
external data bus lines D[15:8], and the lower register bits REG[7:0] are mapped to the lower external data bus
lines D[7:0]. When the A[0]/BSWAP pin is high the upper register bits REG[15:8] are mapped to the lower external
data bus lines D[7:0], and the lower register bits REG[7:0] are mapped to the upper external data bus lines D[15:8].
See Figure 8-31 and Figure 8-32 for functional timing diagrams.
10.1.5 Read-Write/Data Strobe Modes
The processor interface can operate in either read-write strobe mode or data strobe mode. When MODE=0 the
read-write strobe mode is enabled and a negative pulse on
RD performs a read cycle, and a negative pulse on WR
performs a write cycle. When MODE=1 the data strobe mode is enabled and a negative pulse on
DS when R/W is
high performs a read cycle, and a negative pulse on
DS when R/W is low performs a write cycle. The read-write
strobe mode is commonly called the “Intel” mode, and the data strobe mode is commonly called the “Motorola”
mode.
10.1.6 Clear on Read/Clear on Write Modes
The latched status register bits can be programmed to clear on a read access or clear on a write access. The
global control register bit GL.CR1.LSBCRE controls the mode that all of the latched registers are cleared. When
LSBCRE=0, the latched register bits will be cleared when the register is written to and the write data has the
register bits to clear set. When LSBCRE=1, the latched register bits that are set will be cleared when the register is
read.


Similar Part No. - DS3170_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3170DK MAXIM-DS3170DK Datasheet
2Mb / 40P
   DS3/E3 Single-Chip Transceiver Design Kit
REV: 091205
DS3170L MAXIM-DS3170L Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
DS3170LN MAXIM-DS3170LN Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
DS3170N MAXIM-DS3170N Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
More results

Similar Description - DS3170_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170 Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
DS3170DK MAXIM-DS3170DK Datasheet
2Mb / 40P
   DS3/E3 Single-Chip Transceiver Design Kit
REV: 091205
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
   Triple E3/DS3/STS-1 Transceiver
logo
Dallas Semiconductor
DS3171 DALLAS-DS3171 Datasheet
2Mb / 232P
   Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
Pulse A Technitrol Comp...
PE-65661 PULSE-PE-65661 Datasheet
115Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com