Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2712ZT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2712ZT
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712ZT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2712ZT Datasheet HTML 2Page - Maxim Integrated Products DS2712ZT Datasheet HTML 3Page - Maxim Integrated Products DS2712ZT Datasheet HTML 4Page - Maxim Integrated Products DS2712ZT Datasheet HTML 5Page - Maxim Integrated Products DS2712ZT Datasheet HTML 6Page - Maxim Integrated Products DS2712ZT Datasheet HTML 7Page - Maxim Integrated Products DS2712ZT Datasheet HTML 8Page - Maxim Integrated Products DS2712ZT Datasheet HTML 9Page - Maxim Integrated Products DS2712ZT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
6 of 15
DETAILED DESCRIPTION
Charge Algorithm Overview
A charge cycle begins in one of three ways: with the application of power to the DS2711 with cell(s) already
inserted, with the detection of cell insertion after power-up, or when exiting suspend mode with cell(s) inserted. The
charge cycle begins with precharge qualification to prevent fast charging of deeply depleted cells or charging under
extreme temperature conditions. Precharging is performed at a reduced rate until each cell reaches 1V. The
algorithm proceeds to a fast-charge phase, which includes cell tests to avoid accidental charging of alkaline cells or
NiMH cells that are worn-out or damaged. Fast charging continues as long as the cell temperature(s) are less than
50
°C (based on THM1, THM2 voltages) and the open-circuit cell voltage(s) are between 1.0V and 1.75V. Fast
charging terminates by the -
∆V (negative delta voltage) method. The top-off charge phase follows to completely
charge the cells. After the top-off charge timer expires, the maintenance charge phase continues indefinitely to
keep the cells at a full state of charge. Maximum voltage, temperature, and charge-time monitoring during all
charge phases act as secondary or safety termination methods to provide additional protection from overcharge.
Each cell is monitored independently, and in parallel mode the charge phase of each cell is independently
controlled.
Series Charge Configuration
The DS2711/DS2712 series configuration supports one or two-slot stand-alone and one or two cell in-system
chargers. The single-cell-series mode charges one cell while the two-cell-series mode charges two series cells.
Since the cells are charged in series, cell sizes should not be mixed in the series configuration. In the application
example in Figure 3, charge current is gated to the battery cells by a PNP transistor under the control of the CC1
pin of the DS2711. Current regulation is performed outside of this example schematic using the current-sense
feedback provided by the DS2711 CSOUT pin. The DS2712 can also be used in this circuit to provide switch-mode
control on the CSOUT pin. RSNS = 0.125
Ω sets the charge source current, ICHG, to 1A. In series mode, the
effective charge current is 0.969 x ICHG = 969mA.
Figure 3. Series Configuration with External Current Regulation
VDD
LED1
LED2
DMSEL
CTST
TMR
CSOUT
VP1
VP2
THM1
THM2
VN1
VSS
VN0
CC1
CC2
75K
10K
x2
103AT-2
x2
DS2711/12
270
100
0.125
10K
FCX718
+5V
GND
IFB
ICHG
100K
RSNS
0.1


Similar Part No. - DS2712ZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712Z MAXIM-DS2712Z Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2712Z++ MAXIM-DS2712Z+ Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2712Z+TR MAXIM-DS2712Z+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2712Z/TR MAXIM-DS2712Z/TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2712ZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com