Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2431Q+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2431Q+T
Description  1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431Q+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2431Q+T Datasheet HTML 4Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 5Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 6Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 7Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 8Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 9Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 10Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 11Page - Maxim Integrated Products DS2431Q+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1024-Bit, 1-Wire EEPROM
8
_______________________________________________________________________________________
Contact the factory to set up and register a custom
manufacturer ID. The last row is reserved for future use.
It is undefined in terms of R/W functionality and should
not be used.
In addition to the main EEPROM array, an 8-byte
volatile scratchpad is included. Writes to the EEPROM
array are a two-step process. First, data is written to the
scratchpad and then copied into the main array. This
allows the user to first verify the data written to the
scratchpad prior to copying into the main array. The
device only supports full row (8-byte) copy operations.
For data in the scratchpad to be valid for a copy opera-
tion, the address supplied with a Write Scratchpad
command must start on a row boundary, and 8 full
bytes must be written into the scratchpad.
The protection control registers determine how incom-
ing data on a Write Scratchpad command is loaded
into the scratchpad. A protection setting of 55h (write
protect) causes the incoming data to be ignored and
the target address main memory data to be loaded into
the scratchpad. A protection setting of AAh (EPROM
mode) causes the logical AND of incoming data and
target address main memory data to be loaded into the
scratchpad. Any other protection control register set-
ting leaves the associated memory page open for unre-
stricted write access. Protection-control byte settings of
55h or AAh also write protect the protection-control
byte. The protection-control byte setting of 55h does
not block the copy. This allows write-protected data to
be refreshed (i.e., reprogrammed with the current data)
in the device.
The copy-protection byte is used for a higher level of
security and should only be used after all other protec-
tion control bytes, user bytes, and write-protected
pages are set to their final value. If the copy-protection
byte is set to 55h or AAh, all copy attempts to the regis-
ter row and user-byte row are blocked. In addition, all
copy attempts to write-protected main memory pages
(i.e., refresh) are blocked.
Address Registers and Transfer Status
The DS2431 employs three address registers: TA1, TA2,
and E/S (Figure 6). These registers are common to
many other 1-Wire devices but operate slightly different-
ly with the DS2431. Registers TA1 and TA2 must be
loaded with the target address to which the data is writ-
ten or from which data is read. Register E/S is a read-
only transfer-status register used to verify data integrity
with write commands. E/S bits E[2:0] are loaded with the
incoming T[2:0] on a Write Scratchpad command and
increment on each subsequent data byte. This is, in
effect, a byte-ending offset counter within the 8-byte
scratchpad. Bit 5 of the E/S register, called PF, is a logic
1 if the data in the scratchpad is not valid due to a loss
of power or if the master sends fewer bytes than needed
to reach the end of the scratchpad. For a valid write to
the scratchpad, T[2:0] must be 0 and the master must
have sent 8 data bytes. Bits 3, 4, and 6 have no func-
tion; they always read 0. The highest valued bit of the
E/S register, called authorization accepted (AA), acts as
a flag to indicate that the data stored in the scratchpad
has already been copied to the target memory address.
Writing data to the scratchpad clears this flag.
Writing with Verification
To write data to the DS2431, the scratchpad must be
used as intermediate storage. First, the master issues
the Write Scratchpad command to specify the desired
target address, followed by the data to be written to the
scratchpad. Note that Copy Scratchpad commands
must be performed on 8-byte boundaries, i.e., the three
BIT #
7
6
5
4
3
2
1
0
TARGET ADDRESS (TA1)
T7
T6
T5
T4
T3
T2
T1
T0
TARGET ADDRESS (TA2)
T15
T14
T13
T12
T11
T10
T9
T8
ENDING ADDRESS WITH
DATA STATUS (E/S)
(READ ONLY)
AA
0
PF
0
0
E2
E1
E0
Figure 6. Address Registers


Similar Part No. - DS2431Q+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431Q+T MAXIM-DS2431Q+T Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431Q+T&R MAXIM-DS2431Q+T&R Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431Q+TR MAXIM-DS2431Q+TR Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431Q+TR MAXIM-DS2431Q+TR Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
More results

Similar Description - DS2431Q+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com