Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2711Z+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2711Z+T
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2711Z+T Datasheet HTML 1Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 2Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 3Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 4Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 5Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 6Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 7Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 8Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
4 of 15
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Charge Timer Accuracy
RTMR = 100kΩ
-5
+5
%
Charge Timer Range
tCTMR-RANGE
0.5
10
Hours
ELECTRICAL CHARACTERISTICS: TIMING (continued)
(4.0V
≤ V
DD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
Note 1:
Voltages relative to VSS.
Note 2:
IMTST current is applied as a source current and as a sink current within 5ms after power-up.
Note 3:
When operating in two-cell-series charge configuration, the DMSEL pin must have less than 50pF of external load capacitance for
proper operation. If the load capacitance is greater than 50pF, a resistor voltage-divider should be used to maintain DMSEL at VDD/2.
Note 4:
Specification applicable during charge cycle with TA = 0°C to +70°C.
Note 5:
VBAT-MAX1 and VBAT-MAX1 are generated from the same reference. Their ranges never overlap.
Note 6:
VTHM-MIN, VTHM-MAX, and VTHM-STOP are fixed ratios of VDD. Their ranges never overlap.
Note 7:
Tested with ICSOUT = -1mA.
Note 8:
Gain tested with 1mV step with ICSOUT = -1mA.
Figure 1. Block Diagram
State Machine
Voltage
and
Temperature
Measurement
Charge
Timer
BIAS
VP1
CC2
LED1
TMR
VDD
VSS
LED2
VP2
THM1
THM2
Cell
Test
CTST
CC1
CSOUT
0.125V
DMSEL
SUSPEND
3.7V
UVLO
Oscillator
+
-
VN0
Presence Test
Pre-Charge
Fast Charge
&
Cell Tests
Top-Off Charge
Maintenance Charge
Charge
Mode
Select
VN1
IPTST
IPTST
0.1V
DS2712
DS2711


Similar Part No. - DS2711Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711Z+TR MAXIM-DS2711Z+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2711Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com