Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2711Z+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2711Z+T
Description  Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711Z+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2711Z+T Datasheet HTML 7Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 8Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 9Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 10Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 11Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 12Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 13Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 14Page - Maxim Integrated Products DS2711Z+T Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS2711/DS2712: Loose-Cell NiMH Chargers
11 of 15
Cell Voltage Monitoring
In the 2-cell series mode, the voltage difference between VP2 and VP1 is used to determine the Vcell2 voltage in
the two-cell series stack. The voltage difference between VP1 and VN1 is used to determine the Vcell1 voltage. In
the 1-cell series mode, the difference between VP1 and VN1 is used as the cell voltage. VP2 can be left
disconnected in the 1-cell series mode. In parallel mode, the difference between VP2 and VN1 is used for the
Vcell2 voltage, and the difference between VP1 and VN1 is used for Vcell1 voltage.
Individual cell voltages are monitored for minimum and maximum values, using the VBAT-MIN, VBAT-MAX1 and VBAT-MAX2
threshold limits. Upon inserting a cell or power-up with cells inserted, cell voltages must be less than the VBAT-MAX1
threshold before charging begins. The VBAT-MIN threshold determines whether a precharge cycle should precede the
fast charge cycle, and when to transition from precharge to fast charge. Once fast charging commences, cell
voltages are compared to the VBAT-MAX2 threshold once per second. The comparison occurs while the charge
control pin (CC1 or CC2) controlling current to the cell is active (low). When the charge control pin is active so
charge is applied to the cell, the cell voltage is referred to as the VON voltage. When the charge-control pin is
inactive, the cell voltage is referred to as the VOFF voltage. If VBAT-MAX2 is exceeded in fast charge, charging is halted
and a fault condition is displayed. While fast charge is in progress, cell voltage measurements are stored and
compared to future measurements for charge termination and cell test purposes.
Two types of tests are performed to detect primary alkaline and lithium cells or defective NiMH or NiCd secondary
cells. Cells are tested individually in the series and parallel configurations, so that a single improper or defective
cell can be detected quickly. In the series configuration, a single defective cell will terminate charge for both cells,
whereas the parallel mode continues charging the good cell and stops charging the defective cell.
VCTST is set by the resistance from the CTST pin to ground. The nominal sensitivity of 100mV is set by connecting
an 80k
Ω resistor between CTST and V
SS. The detection threshold can be set from 32mV to 400mV. The following
formula approximates the setting for the detection threshold.
VCTST = 8000/R (value in V)
-
ΔV and Flat Voltage Termination
During fast charge, -
∆V detection is performed by comparing successive voltage measurements for a drop of 2mV
in the cell voltage. A hold-off period for -
∆V detection begins at the start of fast charging and prevents false
termination in the first few minutes of the charge cycle. Once the hold-off period expires, cell voltage
measurements are acquired every 32 clock cycles (during the CCx off time). When a newly acquired voltage
measurement is greater than any previous one, the new value is retained as the maximum value. When the cell
voltage no longer increases, the maximum value is retained and compared against subsequent values. If the cell
voltage drops by the -
∆V threshold, V
-
∆V, (2mV typ), fast charging is terminated. If the cell voltage remains flat such
that the maximum value persists for a period of 16 minutes (tFLAT), fast charge terminates and top-off charging
begins.
Top-Off and Maintenance
In top-off mode, the charger scales the cell current to 25% of the fast charge current. The charge timer is reset and
restarted with a timeout period of one-half the fast-charge duration. When the charge timer expires in top-off, the
charger enters maintenance and delivers 1/64 of the charge source current to the cells. Maintenance charge
continuous until power is removed, the cell(s) are removed or the DS2711/DS2712 is cycled into and out of
suspend mode by disconnecting the TMR pin.
Selecting the Charge Mode
The charge mode configuration is selected by testing the LED2 pin during startup. An internal current source tests
the state of the LED2 pin by pulling up and pulling down on the pin to determine if it is high, low, or open. The
recommended pullup or pulldown resistor value (if used) is 100k
Ω. In the parallel charging circuit diagrams on page
7, no resistor is shown. The current path through the LED and 270
Ω resistor is sufficient to pull the LED2 pin high
at power-up to select the parallel mode. See to the mode test current (IMTST) specification in the DC Electrical
Characteristics table to select other pullup values.


Similar Part No. - DS2711Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711Z+TR MAXIM-DS2711Z+TR Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results

Similar Description - DS2711Z+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Shenzhen Huazhimei Semi...
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
GPA76 ETC-GPA76 Datasheet
144Kb / 1P
   Alkaline High Drain Button Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com