Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2431 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2431
Description  1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2431 Datasheet HTML 1Page - Maxim Integrated Products DS2431 Datasheet HTML 2Page - Maxim Integrated Products DS2431 Datasheet HTML 3Page - Maxim Integrated Products DS2431 Datasheet HTML 4Page - Maxim Integrated Products DS2431 Datasheet HTML 5Page - Maxim Integrated Products DS2431 Datasheet HTML 6Page - Maxim Integrated Products DS2431 Datasheet HTML 7Page - Maxim Integrated Products DS2431 Datasheet HTML 8Page - Maxim Integrated Products DS2431 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Note 19: Current drawn from IO during the EEPROM programming interval. The pullup circuit on IO during the programming interval
should be such that the voltage at IO is greater than or equal to VPUPMIN. If VPUP in the system is close to VPUPMIN, a low-
impedance bypass of RPUP, which can be activated during programming, may need to be added.
Note 20: Interval begins tREHMAX after the trailing rising edge on IO for the last time slot of the E/S byte for a valid Copy Scratchpad
sequence. Interval ends once the device’s self-timed EEPROM programming cycle is complete and the current drawn by
the device has returned from IPROG to IL.
Note 21: tPROG for units branded version “A1” is 12.5ms. tPROG for units branded version “A2” and later is 10ms.
Note 22: Write-cycle endurance is degraded as TA increases.
Note 23: Not 100% production tested; guaranteed by reliability monitor sampling.
Note 24: Data retention is degraded as TA increases.
Note 25: Guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to the
data sheet limit at operating temperature range is established by reliability testing.
Note 26: EEPROM writes can become nonfunctional after the data-retention time is exceeded. Long-term storage at elevated tem-
peratures is not recommended; the device can lose its write capability after 10 years at +125°C or 40 years at +85°C.
COMPARISON TABLE
LEGACY VALUES
DS2431 VALUES
STANDARD SPEED
(μs)
OVERDRIVE SPEED
(μs)
STANDARD SPEED
(μs)
OVERDRIVE SPEED
(μs)
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tSLOT (including tREC)
61
(undefined)
7
(undefined)
65*
(undefined)
8*
(undefined)
tRSTL
480
(undefined)
48
80
480
640
48
80
tPDH
15
60
2
6
15
60
2
6
tPDL
60
240
8
24
60
240
8
24
tW0L
60
120
6
16
60
120
6
15.5
1024-Bit, 1-Wire EEPROM
4
_______________________________________________________________________________________
*
Intentional change; longer recovery time requirement due to modified 1-Wire front-end.
Note: Numbers in bold are not in compliance with legacy 1-Wire product standards.


Similar Part No. - DS2431

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431 MAXIM-DS2431 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
More results

Similar Description - DS2431

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com