Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR8200S8 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR8200S8
Description  STANDARD RECOVERY HIGH CURRENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR8200S8 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR8200S8 Datasheet HTML 1Page - Solid States Devices, Inc SDR8200S8 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
SDR8200S __
__ __
Screening 1/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = DO-8
Voltage/Family
4 = 400V
6 = 600V
8 = 800V
10 = 1000V
12 = 1200V
SDR8200S4
thru
SDR8200S12
200 AMPS
400 ─ 1200 VOLTS
15 μsec
STANDARD RECOVERY
HIGH CURRENT RECTIFIER
FEATURES:
Forward Current to 200 Amps
PIV to 1200 Volts
Transient Voltage Rating of 200 Volts Above PIV
Single Chip Construction
Hermetically Sealed
For High Power Applications
For Reverse Polarity Version Add Suffix “R”
Fast Recovery Version Available
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SDR8200S4
SDR8200S6
SDR8200S8
SDR8200S10
SDR8200S12
VRRM
VRWM
VR
400
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
200
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25
oC)
IFSM
1400
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
0.4
oC/W
NOTES:
1/ Modified MIL-PRF-19500 Screening Flow – Consult Factory.
DO-8
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RP0013B
DOC


Similar Part No. - SDR8200S8

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR8200S8 SSDI-SDR8200S8 Datasheet
199Kb / 2P
   200 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
More results

Similar Description - SDR8200S8

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RP0009 SSDI-RP0009_15 Datasheet
202Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0015 SSDI-RP0015_15 Datasheet
201Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDRP600S10 SSDI-SDRP600S10 Datasheet
194Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0003A SSDI-RP0003A_15 Datasheet
194Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0011 SSDI-RP0011_15 Datasheet
201Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0017 SSDI-RP0017_15 Datasheet
200Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0005A SSDI-RP0005A_15 Datasheet
201Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDRP400S10 SSDI-SDRP400S10 Datasheet
195Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDRP800S10 SSDI-SDRP800S10 Datasheet
201Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0001A SSDI-RP0001A_15 Datasheet
195Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
RP0007 SSDI-RP0007_15 Datasheet
130Kb / 2P
   STANDARD RECOVERY HIGH CURRENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com