Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1921G Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS1921G
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1921G Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS1921G_11 Datasheet HTML 18Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 19Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 20Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 21Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 22Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 23Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 24Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 25Page - Maxim Integrated Products DS1921G_11 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Thermochron iButton
22
______________________________________________________________________________________
MASTER Tx MEMORY OR
CONTROL FUNCTION COMMAND
DS1921G SETS
EMCLR = 0
MASTER Tx DATA BYTE
TO SCRATCHPAD OFFSET
DS1921G
INCREMENTS
SCRATCHPAD
OFFSET
DS1921G SETS
SCRATCHPAD OFFSET = [T4:T0]
AND CLEARS (PF, AA)
0Fh
WRITE SCRATCHPAD?
N
Y
Y
N
Y
N
N
Y
N
MASTER Tx RESET?
SCRATCHPAD
OFFSET = 11111b?
MASTER Tx RESET?
MASTER Tx RESET?
MASTER Tx
TA1 [T7:T0], TA2 [T15:T8]
DS1921G SETS [E4:E0] =
SCRATCHPAD OFFSET
N
FROM ROM FUNCTIONS
FLOWCHART (FIGURE 13)
TO ROM FUNCTIONS
FLOWCHART (FIGURE 13)
Y
Y
TO FIGURE 10b
FROM FIGURE 10b
MASTER Rx CRC-16 OF
COMMAND, ADDRESS, DATA
MASTER Rx "1"s
PARTIAL
BYTE WRITTEN?
PF = 1
AA = 1
DS1921G SETS
EMCLR = 0
DS1921G SETS
SCRATCHPAD OFFSET = [T4:T0]
DS1921G
INCREMENTS
SCRATCHPAD
OFFSET
MASTER Rx ENDING OFFSET
WITH DATA STATUS
(E/S)
AAh
READ SCRATCHPAD?
N
Y
Y
N
Y
N
Y
N
MASTER Tx RESET?
SCRATCHPAD
OFFSET = 11111b?
MASTER Tx RESET?
MASTER Rx
TA1 [T7:T0], TA2 [T15:T8]
MASTER Rx DATA BYTE FROM
SCRATCHPAD OFFSET
MASTER Rx CRC-16 OF
COMMAND, ADDRESS, DATA,
E/S BYTE, AND DATA STARTING
AT THE TARGET ADDRESS
MASTER Rx "1"s
55h
COPY SCRATCHPAD
N
Y
Y
N
N
MASTER Tx RESET?
MASTER Tx RESET?
COPYING
FINISHED
MASTER Tx
TA1 [T7:T0], TA2 [T15:T8]
DS1921G SETS
EMCLR = 0
MASTER Tx
E/S BYTE
DS1921G COPIES SCRATCHPAD
DATA TO MEMORY
N
Y
N
Y
Y
N
MASTER Tx RESET?
Y
AUTHORIZATION
CODE MATCH?
DS1921G Tx "0"
DS1921G Tx "1"
MASTER Rx "1"s
MASTER Rx "1"s
Figure 10a. Memory/Control Function Flowchart


Similar Part No. - DS1921G_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
More results

Similar Description - DS1921G_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com