Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1842N+R Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1842N+R
Description  76V, APD, Bias Output Stage with Current Monitoring
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1842N+R Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1842N+R Datasheet HTML 1Page - Maxim Integrated Products DS1842N+R Datasheet HTML 2Page - Maxim Integrated Products DS1842N+R Datasheet HTML 3Page - Maxim Integrated Products DS1842N+R Datasheet HTML 4Page - Maxim Integrated Products DS1842N+R Datasheet HTML 5Page - Maxim Integrated Products DS1842N+R Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
76V, APD, Bias Output Stage with
Current Monitoring
6
_______________________________________________________________________________________
TDFN
TOP VIEW
2
4
5
13
11
10
MIRIN
N.C.
N.C.
MIR2
N.C.
CLAMP
1
14
MIROUT
MIR1
3
12
N.C.
N.C.
6
9
N.C.
GATE
7
8
LX
GND
DS1842
*EP
*EXPOSED PAD.
Pin Configuration
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
14 TDFN-EP
T1433+2
21-0137
90-0063


Similar Part No. - DS1842N+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842N++ MAXIM-DS1842N+ Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842N+TR MAXIM-DS1842N+TR Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
More results

Similar Description - DS1842N+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Linear Technology
LT1166 LINER-LT1166_15 Datasheet
403Kb / 16P
   Power Output Stage Automatic Bias System
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com