Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1339
Description  I2C Serial Real-Time Clock Trickle-Charge Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1339 Datasheet HTML 7Page - Maxim Integrated Products DS1339 Datasheet HTML 8Page - Maxim Integrated Products DS1339 Datasheet HTML 9Page - Maxim Integrated Products DS1339 Datasheet HTML 10Page - Maxim Integrated Products DS1339 Datasheet HTML 11Page - Maxim Integrated Products DS1339 Datasheet HTML 12Page - Maxim Integrated Products DS1339 Datasheet HTML 13Page - Maxim Integrated Products DS1339 Datasheet HTML 14Page - Maxim Integrated Products DS1339 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
11 of 20
ADDRESS MAP
Table 3 shows the address map for the DS1339 registers. During a multibyte access, when the address pointer
reaches the end of the register space (10h), it wraps around to location 00h. On an I
2C START, STOP, or address
pointer incrementing to location 00h, the current time is transferred to a second set of registers. The time
information is read from these secondary registers, while the clock may continue to run. This eliminates the need
to re-read the registers in case of an update of the main registers during a read.
Table 3. Timekeeper Registers
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00h
0
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
02h
0
12/
24
AM/PM
10 Hour
Hour
Hours
1–12
+AM/PM
00–23
20 Hour
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
01–31
05h
Century
0
0
10
Month
Month
Month/
Century
01–12 +
Century
06h
10 Year
Year
Year
00–99
07h
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00–59
08h
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00–59
09h
A1M3
12/
24
AM/PM
10 Hour
Hour
Alarm 1
Hours
1–12 +
AM/PM
00–23
20 Hour
0Ah
A1M4
DY/DT
10 Date
Day, Date
Alarm 1
Day,
Alarm 1
Date
1-7, 1-31
0Bh
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00–59
0Ch
A2M3
12/
24
AM/PM
10 Hour
Hour
Alarm 2
Hours
1–12 +
AM/PM
00–23
20 Hour
0Dh
A2M4
DY/
DT
10 Date
Day, Date
Alarm 2
Day,
Alarm 2
Date
1–7, 1–31
0Eh
EOSC
0
BBSQI
RS2
RS1
INTCN
A2IE
A1IE
Control
0Fh
OSF
0
0
0
0
0
A2F
A1F
Status
10h
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
Trickle
Charger
Note: Unless otherwise specified, the state of the registers are not defined when power is first applied or when VCC and VBACKUP falls below the
VBACKUP(MIN).


Similar Part No. - DS1339

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339A MAXIM-DS1339A Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results

Similar Description - DS1339

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com