Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339U-2+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1339U-2+
Description  I2C Serial Real-Time Clock Trickle-Charge Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339U-2+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1339U-2+ Datasheet HTML 3Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 4Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 5Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 6Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 7Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 8Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 9Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 10Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
7 of 20
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3v, TA = +25°C, unless otherwise noted.)
IBACKUP vs. VBACKUP
300
350
400
450
500
550
600
650
700
750
800
850
900
1.3 1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3
VBACKUP (V)
VCC=0V
RS1=RS0=1
IBATOSC2
(SQWE = 1)
IBATOSC1
(SQWE = 0)
IBACKUP vs. Temperature
VBACKUP = 3.0V
300
350
400
450
500
550
600
650
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
VCC=0V
INTCN = 0
RS2 = RS1 = 1
INTCN = 0
ICC vs. VCC
50
100
150
200
250
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
SCL=400kHz
ICCA
SCL=SDA=0Hz
ICCS
Oscillator Frequency vs. Supply Voltage
32768.0
32768.1
32768.2
32768.3
32768.4
32768.5
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Oscillator Supply Voltage (V)


Similar Part No. - DS1339U-2+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339U-2++ MAXIM-DS1339U-2+ Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339U-2+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com