Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1343E-18+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1343E-18+
Description  Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1343E-18+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1343E-18+ Datasheet HTML 1Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 2Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 3Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 4Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 5Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 6Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1343E-18+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Low-Current SPI/3-Wire RTCs
19-5801; Rev 0; 3/11
General Description
The DS1343/DS1344 low-current real-time clocks (RTCs)
are timekeeping devices that provide an extremely low
standby current, permitting longer life from a backup
supply source. The devices also support high-ESR
crystals, broadening the pool of usable crystals for the
devices. The clock/calendar provides seconds, minutes,
hours, day, date, month, and year information. The date
at the end of the month is automatically adjusted for
months with fewer than 31 days, including corrections
for leap year. The clock operates in either 24-hour or
12-hour format with an AM/PM indicator.
Address and data are transferred serially through an
SPI™ or 3-wire interface. Two programmable time-of-day
alarms are provided. Each alarm can generate an inter-
rupt on a combination of seconds, minutes, hours, and
day. Don’t-care states can be inserted into one or more
fields if it is desired for them to be ignored for the alarm
condition. The time-of-day alarms can be programmed
to assert two different interrupt outputs, or they can be
combined to assert one common interrupt output. Both
interrupt outputs operate when the device is powered by
either VCC or VBAT.
The devices are available in a lead-free/RoHS-compliant,
20-pin TSSOP or 14-pin TDFN package, and support a
-40°C to +85°C extended industrial temperature range.
Applications
Medical
Handheld Devices
Telematics
Embedded Timestamping
Features
S
Low Timekeeping Current of 250nA (typ)
S
Compatible with Crystal ESR Up to 100kI
S
Versions Available to Support Either 6pF or
12.5pF Crystals
S
RTC Counts Seconds, Minutes, Hours, Day, Date,
Month, and Year with Leap Year Compensation
Valid Through 2099
S
Power-Fail and Switch Circuitry
S
Three Operating Voltages
1.8V ±5%
3.0V±10%
3.3V ±10%
S
Trickle-Charge Capability
S
Maintain Time Down to 1.15V (typ)
S
Support Motorola SPI Modes 1 and 3, or Standard
3-Wire Interface
S
Burst Mode for Reading/Writing Successive
Addresses in Clock/RAM
S
96-Byte Battery-Backed NV RAM for Data Storage
S
Two Time-of-Day Alarms with Two Interrupt
Outputs
S
Industrial Temperature Range
S
20-Pin TSSOP or 14-Pin TDFN Package
Ordering Information appears at end of data sheet.
SPI is a trademark of Motorola, Inc.
Typical Operating Circuit
DS1343
DS1344
INT0
PF
INT1
CE
SCLK
SDI
SDO
X1
X2
VBAT
GND
SERMODE
VCC
VCC
INT
RST
3-WIRE
PORT
P
NOTE: SHOWN IN 3-WIRE I/O CONFIGURATION.
RPU


Similar Part No. - DS1343E-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
More results

Similar Description - DS1343E-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
   Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
logo
Maxim Integrated Produc...
DS1341 MAXIM-DS1341_10 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 1; 12/10
DS1341 MAXIM-DS1341 Datasheet
799Kb / 14P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 0; 10/09
DS1341 MAXIM-DS1341_12 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
logo
Fairchild Semiconductor
KA3842ACS FAIRCHILD-KA3842ACS Datasheet
127Kb / 6P
   Low start current 0.2mA (Typ.)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com