Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339C-33 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1339C-33
Description  I2C Serial Real-Time Clock Trickle-Charge Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339C-33 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1339C-33 Datasheet HTML 1Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 2Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 3Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 4Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 5Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 6Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 7Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 8Page - Maxim Integrated Products DS1339C-33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
3 of 20
DC ELECTRICAL CHARACTERISTICS
(VCC = MIN to MAX, TA = -40°C to +85°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Note 3)
1
µA
I/O Leakage
ILO
(Note 4)
1
µA
Logic 0 Out
VOL = 0.4V; VCC > VCC MIN (-3, -33);
VCC
≥ 2.0V (-2)
IOL
(Note 4)
3
mA
Logic 0 Out
VOL = 0.2 (VCC);
1.8V < VCC < 2.0V (DS1339-2)
IOL
(Note 4)
3
mA
Logic 0 Out
VOL = 0.2 (VCC);
1.3V < VCC < 1.8V (DS1339-2)
IOL
(Note 4)
250
µA
VCC Active Current
ICCA
(Note 5)
450
µA
VCC Standby Current (Note 6)
ICCS
-2: VCC = 2.2V
60
100
µA
-3: VCC = 3.3V
80
150
-33: VCC = 5.5V
200
Trickle-Charger Resistor Register
10h = A5h, VCC = Typ, VBACKUP = 0V
R1
(Note 7)
250
Trickle-Charger Resistor Register
10h = A6h, VCC = Typ, VBACKUP = 0V
R2
2000
Trickle-Charger Resistor Register
10h = A7h, VCC = Typ, VBACKUP = 0V
R3
4000
VBACKUP Leakage Current
IBKLKG
25
100
nA
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, TA = -40°C to +85°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBACKUP Current EOSC = 0, SQW Off
IBKOSC
(Note 8)
400
700
nA
VBACKUP Current EOSC = 0, SQW On
IBKSQW
(Note 8)
600
1000
nA
VBACKUP Current EOSC = 1
IBKDR
10
100
nA


Similar Part No. - DS1339C-33

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339C-33 DALLAS-DS1339C-33 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-33 MAXIM-DS1339C-33 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339C-33 MAXIM-DS1339C-33 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339C-33++ DALLAS-DS1339C-33+ Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339C-33- MAXIM-DS1339C-33- Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
More results

Similar Description - DS1339C-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com