Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6543H Datasheet(PDF) 77 Page - Maxim Integrated Products

Part # 71M6543H
Description  Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543H Datasheet(HTML) 77 Page - Maxim Integrated Products

Back Button 71M6543H Datasheet HTML 73Page - Maxim Integrated Products 71M6543H Datasheet HTML 74Page - Maxim Integrated Products 71M6543H Datasheet HTML 75Page - Maxim Integrated Products 71M6543H Datasheet HTML 76Page - Maxim Integrated Products 71M6543H Datasheet HTML 77Page - Maxim Integrated Products 71M6543H Datasheet HTML 78Page - Maxim Integrated Products 71M6543H Datasheet HTML 79Page - Maxim Integrated Products 71M6543H Datasheet HTML 80Page - Maxim Integrated Products 71M6543H Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
71M6543F/H and 71M6543G/GH Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
77
Transitions from both LCD and SLP mode to BRN mode can be initiated by the following events:
Wake-up timer timeout.
Pushbutton (PB) is activated.
A rising edge on SEGDIO4, SEGDIO52 or SEGDIO55.
Activity on the RX or OPT_RX pins.
The MPU has access to a variety of registers that signal the event that caused the wake up. See 3.4
Wake-Up Behavior for details.
Table 62 shows the circuit functions available in each operating mode.
Table 62: Available Circuit Functions
Circuit Function
System Power
Battery Power
MSN (Mission Mode)
BRN (Brownout Mode)
LCD
SLEEP
PLL_FAST=1
PLL_FAST=0
PLL_FAST=1
PLL_FAST=0
CE (Computation Engine)
Yes
Yes
--
1
--
--
--
FIR
Yes
Yes
--
--
--
--
ADC, VREF
Yes
Yes
--
--
--
--
PLL
Yes
Yes
Yes
Yes
Boost
2
--
Battery Measurement
Yes
Yes
Yes
Yes
--
--
Temperature sensor
Yes
Yes
Yes
Yes
Yes
Yes
Max MPU clock rate
4.92MHz
(from PLL)
1.57MHz
(from PLL)
4.92MHz
(from PLL)
1.57MHz
(from PLL)
--
--
MPU_DIV clk. divider
Yes
Yes
Yes
Yes
--
--
ICE
Yes
Yes
Yes
Yes
--
--
DIO Pins
Yes
Yes
Yes
Yes
--
--
Watchdog Timer
Yes
Yes
Yes
Yes
--
--
LCD
Yes
Yes
Yes
Yes
Yes
--
LCD Boost
Yes
Yes
Yes
Yes
Yes
EEPROM Interface (2-wire)
Yes
Yes
Yes
Yes
--
--
EEPROM Interface (3-wire)
Yes
Yes
Yes
Yes
--
--
UART (full speed)
Yes
Yes
Yes
Yes
--
--
Optical TX modulation
38.4kHz
38.9kHz
38.4kHz
38.9kHz
--
--
Flash Read
Yes
Yes
Yes
Yes
--
--
Flash Page Erase
Yes
Yes
Yes
Yes
--
--
Flash Write
Yes
Yes
Yes
Yes
--
--
RAM Read and Write
Yes
Yes
Yes
Yes
--
--
Wakeup Timer
Yes
Yes
Yes
Yes
Yes
Yes
OSC and RTC
Yes
Yes
Yes
Yes
Yes
Yes
DRAM data preservation
Yes
Yes
Yes
Yes
--
--
NV RAM data preservation
Yes
Yes
Yes
Yes
Yes
Yes
Notes:
1.
“--“ indicates that the corresponding circuit is not active
2.
“Boost” implies that the LCD boost circuit is active (i.e., LCD_VMODE[1:0] = 10 (I/O RAM 0x2401[7:6])). The LCD boost
circuit requires a clock from the PLL to function. Thus, the PLL is automatically kept active if LCD boost is active while in
LCD mode, otherwise the PLL is de-activated.


Similar Part No. - 71M6543H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6543HT MAXIM-71M6543HT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6543HT-IGT/F MAXIM-71M6543HT-IGT/F Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6543HT-IGTR/F MAXIM-71M6543HT-IGTR/F Datasheet
2Mb / 75P
   Energy Meter ICs
2015
More results

Similar Description - 71M6543H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
   Energy Meter ICs
2015
71M6541D MAXIM-71M6541D Datasheet
2Mb / 165P
   0.1% Accuracy Over 2000:1 Current Range Energy Meter ICs
Rev 2; 11/11
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com