Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562T7EDFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F562T7EDFP
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7EDFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F562T7EDFP Datasheet HTML 1Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 2Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 3Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 4Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 5Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 6Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 7Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 8Page - Renesas Technology Corp R5F562T7EDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 2 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 lists the functions of products.
Table 1.1
Outline of Specifications (1 / 5)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 100MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per state (cycle of the system clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
 General purpose: Sixteen 32-bit registers
 Control: Nine 32-bit registers
 Accumulator: One 64-bit register
 Basic instructions: 73
 Floating-point instructions: 8
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
 Instructions: Little endian
 Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 x 32  64 bits
 On-chip divider: 32 / 32  32 bits
 Barrel shifter: 32 bits
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
ROM
 ROM capacity: 256 Kbytes (max.)
 Two on-board programming modes
 Boot mode (The user MAT is programmable via the SCI)
 User program mode
 Off-board programming
 A PROM programmer can be used to program the user mat.
RAM
 RAM capacity: 16 Kbytes (max.)
Data flash
 Data flash capacity: 32 Kbytes (max.)
 Supports background operations (BGO)
MCU operating mode
 Single-chip mode
Clock
Clock generation
circuit
 One circuit: Main clock oscillator
 Internal oscillator: Low-speed on-chip oscillator dedicated to IWDT
 Structure of a PLL frequency synthesizer and frequency divider for selectable operating
frequency
 Oscillation stoppage detection
 Independent frequency-division and multiplication settings for the system clock (ICLK)
and peripheral module clock (PCLK)
 The CPU and system sections such as other bus masters, MTU3, and GPT run in
synchronization with the system clock (ICLK): 8 to 100 MHz.
 Peripheral modules run in synchronization with the peripheral module clock (PCLK):
8 to 50 MHz
Reset
Pin reset, power-on reset (automatic power-on reset when the power is turned on),
voltage-monitoring reset, watchdog timer reset, independent watchdog timer reset, and
deep software standby reset
Voltage detection circuit (LVD)
When the voltage on VCC falls below the voltage detection level (Vdet), an internal reset or
internal interrupt is generated.
Low power
consumption
Low power
consumption
facilities
 Module stop function
 Four low power consumption modes
 Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode


Similar Part No. - R5F562T7EDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7ADFF RENESAS-R5F562T7ADFF Datasheet
640Kb / 25P
   MCUs
R5F562T7ADFH RENESAS-R5F562T7ADFH Datasheet
640Kb / 25P
   MCUs
R5F562T7ADFM RENESAS-R5F562T7ADFM Datasheet
640Kb / 25P
   MCUs
R5F562T7ADFP RENESAS-R5F562T7ADFP Datasheet
640Kb / 25P
   MCUs
R5F562T7BDFF RENESAS-R5F562T7BDFF Datasheet
640Kb / 25P
   MCUs
More results

Similar Description - R5F562T7EDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com