Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-215UMC-XXXXXXX-TR8 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 50-215UMC-XXXXXXX-TR8
Description  Side View LEDs (Height 1.4mm)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

50-215UMC-XXXXXXX-TR8 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  50-215UMC-XXXXXXX-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 50-215UMC-XXXXXXX-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Data Sheet
Side View LEDs (Height 1.4mm)
50-215UMC/XXXXXXX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 5 of 17
Device No.:DSE-0000445
Prepared Date:04-May-2009
Prepared by:Hank Sheng
Bin Range of Forward Voltage
Group
Bin Code
Min.
Max.
Unit
Conditio
n
6-1
2.95
3.05
6-2
3.05
3.15
7
7-1
3.15
3.25
1
4
7-2
3.25
3.35
3
5
6
8-1
3.35
3.45
0
2
8
8-2
3.45
3.55
V
IF=20mA
Group
Bin Code
Min.
Max.
Unit
Condition
6-11
3.00
3.05
6-2
3.05
3.15
7-1
3.15
3.25
7-2
3.25
3.35
8-1
3.35
3.45
9
8-11
3.45
3.50
V
IF=20mA
Group
Bin Code
Min.
Max.
Unit
Condition
5-2-3
2.90
3.00
6-1-3
3.00
3.10
6-2-3
3.10
3.20
7-1-3
3.20
3.30
E
F
7-2-3
3.30
3.40
B
C
8-1-3
3.40
3.50
V
IF=20mA
Note: Tolerance of Forward Voltage: ± 0.05V


Similar Part No. - 50-215UMC-XXXXXXX-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
50-215BUMC-XXXXXXX-TR8-T EVERLIGHT-50-215BUMC-XXXXXXX-TR8-T Datasheet
338Kb / 24P
   Top View LEDs (Height 1.2mm)
More results

Similar Description - 50-215UMC-XXXXXXX-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
EAPL3810A8 EVERLIGHT-EAPL3810A8 Datasheet
660Kb / 16P
   Side View LEDs
BHC-AS1T2 EVERLIGHT-BHC-AS1T2 Datasheet
167Kb / 7P
   Side View LEDs
EAPL3810A1 EVERLIGHT-EAPL3810A1 Datasheet
511Kb / 12P
   Side View LEDs
EAPL3810A16 EVERLIGHT-EAPL3810A16 Datasheet
472Kb / 12P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com