Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F52106ADLJ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F52106ADLJ
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52106ADLJ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F52106ADLJ Datasheet HTML 3Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 4Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 5Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 6Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 7Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 8Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 9Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 10Page - Renesas Technology Corp R5F52106ADLJ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 7 of 90
Apr 15, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Figure 1.1
How to Read the Product Part No., Memory Capacity, and Package Type
Type of memory
F: Flash memory version
Package type, number of pins, and pin pitch
FP : LQFP/100/0.50
FN : LQFP/80/0.50
FM : LQFP/64/0.50
FG : LQFP/100/0.65
FF : LQFP/80/0.65
FK : LQFP/64/0.80
LJ : TFLGA/100/0.65
ROM, RAM, and E2 data flash capacity
8: 512 Kbytes/64 Kbytes/8 Kbytes
7: 384 Kbytes/64 Kbytes/8 Kbytes
6: 256 Kbytes/32 Kbytes/8 Kbytes
5: 128 Kbytes/20 Kbytes/8 Kbytes
Group name
10 : RX210 Group
Renesas MCU
Renesas semiconductor product
Series name
RX200 Series
R 5
F 5
2
D
F
P
A
8
0
1
D : Products with wide temperature-range spec.
(-40 to +85°C)


Similar Part No. - R5F52106ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52106ADLJ RENESAS-R5F52106ADLJ Datasheet
1Mb / 146P
   Renesas MCUs
R5F52106ADLJ RENESAS-R5F52106ADLJ Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52106ADLJ#U0 RENESAS-R5F52106ADLJ#U0 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
More results

Similar Description - R5F52106ADLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com