Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20124ASP-W5 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2A20124ASP-W5
Description  Synchronous Phase Shift Full-Bridge Control IC Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124ASP-W5 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2A20124ASP-W5 Datasheet HTML 4Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 5Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 6Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 7Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 8Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 9Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 10Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 11Page - Renesas Technology Corp R2A20124ASP-W5 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
R03DS0031EJ0300 Rev.3.00
Page 8 of 12
Mar 11, 2011
Electrical Characteristics
(Ta = 25°C, Vcc = 12 V, RT = 180 k
, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
SUPPLY: R2A20124AFP/ASP
Start threshold
VH
7.7
8.4
9.1
V
Shutdown threshold
VL
7.4
8.0
8.6
V
UVLO hysteresis
dVUVL
0.3
0.4
0.5
V
Start-up current
Is
90
150
A
Vcc = 7.5 V
Operating current
Icc
8
11.5
mA
No load on VREF pin
VREF: R2A20124AFP/ASP
Output voltage
Vref
4.9
5.0
5.1
V
Line regulation
Vref-line
0
10
mV
Vcc= 10 V to 16 V
Load regulation
Vref-load
6
20
mV
Iref= –1 mA to –20 mA
Temperature stability
dVref/dTa
80*1
ppm/°C
Ta = –40°C to 105°C
OSCILLATOR: R2A20124AFP/ASP
Oscillator frequency
fosc
200*
1
kHz
Switching frequency
fsw
85
100
115
kHz
Measured on OUT-A, -B
Line stability
fsw-line
–1.5
0
1.5
%
Vcc = 10 V to 16 V
Temperature stability
dfsw/dTa
0.1*1
%/°C
Ta = –40°C to 105°C
RT voltage
VRT
2.5
2.7
2.9
V
SYNC: R2A20124AFP/ASP
Input threshold
VTH-SYNC
2.5
2.85
3.2
V
Output high
VOH-SYNC
3.5
4.0
V
RSYNC = 33 k
 to GND *2
Output low
VOL-SYNC
0.10
0.18
V
RSYNC = 33 k
 to VREF
Minimum input pulse
TI-MIN
50
ns
Output pulse width
TO-SYNC
3.0*
1
s
REMOTE: R2A20124AFP
On threshold voltage
VON-REMOTE
1.12
1.32
1.52
V
Off threshold voltage
VOFF-REMOTE
1.04
1.23
1.42
V
REMOTE hysteresis
dVREMOTE
60
90
120
mV
Input bias current
IREMOTE
–100
–50
A
REMOTE = 2 V
ERROR AMPLIFIER: R2A20124AFP/ASP
FB(–) input voltage
VFB(–)
1.225
1.250
1.275
V
FB(–) and COMP are shorted
FB(–) input current
IFB(–)
–2.0
0
2.0
A
FB(–) = 1.25 V
Open-loop DC gain
Av
80*
1
dB
Unity gain bandwidth
BW
2*
1
MHz
Output source current
ISOURCE
–650
–500
–390
A
FB(–) = 0.75 V, COMP = 2 V
Output sink current
ISINK
2.0
6.5
mA
FB(–) = 1.75 V, COMP = 2 V
Output high voltage
VOH-EO
3.7
3.9
V
FB(–) = 0.75 V, COMP; open
Output low voltage
VOL-EO
0.1
0.4
V
FB(–) = 1.75 V, COMP; open
Output clamp voltage *
3
VCLAMP-EO
–0.16
–0.07
0.0
V
FB(–) = 0.75 V, COMP; open,
SS = 1 V
Notes: 1. Design specification (reference data)
2. R2A20124AFP: SGND and PGND
3. VCLAMP-EO = VCOMP – SS voltage (1 V)


Similar Part No. - R2A20124ASP-W5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20124ASP-W5 RENESAS-R2A20124ASP-W5 Datasheet
150Kb / 13P
   Synchronous Phase Shift Full-Bridge Control IC Series
More results

Similar Description - R2A20124ASP-W5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_08 Datasheet
329Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20124AFP RENESAS-R2A20124AFP Datasheet
150Kb / 13P
   Synchronous Phase Shift Full-Bridge Control IC Series
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1 Datasheet
308Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
logo
NXP Semiconductors
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com