Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F562T7ADFM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F562T7ADFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7ADFM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F562T7ADFM Datasheet HTML 3Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 4Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 5Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 9Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 10Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 7 of 92
Apr 20, 2011
RX62T Group
1. Overview
Note 1. O: Supported,
: Not supported
Note 2.
* For the MTU and GPT, the number of pins will differ with the package. See the list of pins and pin functions for details.
In addition, the CAN module is an optional function.
Table 1.2
Functions of RX62T Group Products
Functions
RX62T Group
Pin number
112 Pin
100 Pin
80 Pin
64 Pin
Data transfer
Data transfer controller (DTC)
O
Interrupt control
unit
(ICU)
Input on the NMI pin
O
Input on the IRQ pins
O (8)
O (4)
Timers
Multi-function timer pulse unit 3 (MTU3)
O
O*
General PWM timer (GPT)
O
O*
Port output enable 3 (POE3)
O (POE pins: 5)
O (POE pins: 3)
Compare match timer (CMT)
O
Watchdog timer (WDT)
O
Independent watchdog timer (IWDT)
O
Communication
function
Serial communications interface (SCI)
O
I2C bus interface (RIIC)
O
CAN module (CAN) (as an optional
function)
O
LIN module (LIN)
O
Serial peripheral interface (RSPI)
O
12-bit A/D converter (S12ADA)
O (4 ch. x 2 units)
Simultaneous sampling on three channels
O (2 units)
Programmable gain amplifier
O (3 ch. x 2 units)
Window comparator
O (3 ch. x 2 units)
10-bit A/D converter (ADA)
O (12 ch.)
O (4 ch.)
¾
CRC calculator (CRC)
O
I/O ports
I/O pins
61
55
44
37
Input pins
21
21
13
9
Package
LQFP2020
(0.65-mm pitch)
LQFP1414
(0.5-mm pitch)
LQFP1414
(0.65-mm pitch)
LQFP1010
(0.5-mm pitch)


Similar Part No. - R5F562T7ADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7ADFM RENESAS-R5F562T7ADFM Datasheet
640Kb / 25P
   MCUs
More results

Similar Description - R5F562T7ADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com