Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK4024V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. STK4024V
Description  AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.08%)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4024V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK4024V Datasheet HTML 1Page - Sanyo Semicon Device STK4024V Datasheet HTML 2Page - Sanyo Semicon Device STK4024V Datasheet HTML 3Page - Sanyo Semicon Device STK4024V Datasheet HTML 4Page - Sanyo Semicon Device STK4024V Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STK4024V
No. 4388-4/5
Description of External Parts
R1, C1
: Input filter circuit
• Reduces high-frequency noise.
C2
: Input coupling capacitor
• DC current suppression. A reduction in reactance is effective because of increases in capacitor
reactance at low frequencies and 1/f noise dependence on signal source resistance which result in
output noise worsening.
R2
: Input bias resistor
• Biases the input pin to zero.
• Effects VN stability (refer to NF circuit).
• Due to differential input, input resistance is more or less determined by this resistance value.
R4, R5
: NFB circuit (AC NF circuit). Use of resistor with 1% error is suggested.
C3 (R2)
• VG settings are obtained using R4 and R5 according to the following equation:
log20·
R5
40 dB is recommended.
R4
• Low-frequency cutoff frequency settings are obtained using R4 and C3 according to the following
equation:
fL =
1
[Hz]
2
π·R
4·C3
When changing the VG setting, you should change R4 which requires a recheck of the low cutoff
frequency setting. When the VG setting is changed using R5, the setting should ensure R2 equals R5 so
that VN balance stability is maintained. If the resistor value is increased more than the existing value,
VN balance may be disturbed and result in deterioration of VN temperature characteristics.
R3
: Differential constant-current bias resistor
R6, R7
: For oscillation suppression and phase compensation applications
(For use with differential stage applications)
R7, C4
: For oscillation suppression and phase compensation applications
(A Mylar capacitor is recommended for C4 for use with output stage applications)
C6, C9
: For oscillation suppression and phase compensation applications
Power stage (Must be connected near the pin)
C6: Positive (+) power
C9: Negative (–) power
C8
: For oscillation suppression and phase compensation applications
(Oscillation suppression before power step clip)
C5
: For oscillation suppression and distortion improvement applications
R8, C10
: Ripple filter circuit on positive (+) side.
R9, C13
: Ripple filter circuit on negative (–) side.
C11, C12 : For oscillation suppression applications
• Used for reducing power supply impedance to stable IC operation and should be connected near the IC
pin. We recommend that you use an electrolytic capacitor.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn