Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F36CAKNFA Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F36CAKNFA
Description  This MCU consumes low power, and supports operating modes that allow additional
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAKNFA Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F36CAKNFA Datasheet HTML 7Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 8Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 9Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 10Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 11Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 12Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 13Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 14Page - Renesas Technology Corp R5F36CAKNFA Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
R01DS0034EJ0200 Rev.2.00
Page 11 of 95
Feb 07, 2011
M16C/6C Group
1. Overview
1.6
Pin Functions
Power supply: VCC2 is used to supply power to the external bus associated pins. The dual power supply configuration
allows VCC2 to interface at a different voltage than VCC1.
Note:
1.
VCC means VCC1 unless otherwise noted.
Table 1.6
Pin Functions (1/3)
Signal Name
Pin Name
I/O
Power Supply
Description
Power supply
input
VCC1,
VCC2, VSS
I-
Apply 2.7 to 5.5 V to pins VCC1 and VCC2 (VCC1
≥ VCC2).
Input 0 V to VSS.(1)
Analog power
supply input
AVCC, AVSS
I
VCC1
This is the power supply for the A/D converter. Connect the
AVCC pin to VCC1, and connect the AVSS pin to VSS.
Reset input
RESET
I
VCC1
Driving this pin low resets the MCU.
CNVSS
CNVSS
I
VCC1
Input pin to switch processor modes. Connect the CNVSS
pin to VSS via a resistor.
Bus control pins
D0 to D7
I/O
VCC2
Inputs or outputs data (D0 to D7) while accessing an
external area with a separate bus.
A0 to A19
O
VCC2
Outputs address bits A0 to A19.
A0/D0 to
A7/D7
I/O
VCC2
Inputs or outputs data (D0 to D7) and outputs address bits
(A0 to A7) by timesharing, while accessing an external area
with an 8-bit multiplexed bus.
CS0 to CS3
O
VCC2
Outputs chip-select signals
CS0 to CS3 to specify an
external area.
WR
BHE
RD
O
VCC2
Outputs
WR, BHE, and RD signals.
Data is written to an external area when WR is driven low.
Data in an external area is read when
RD is driven low. An
odd address is accessed when
BHE is driven low.
ALE
O
VCC2
Outputs an ALE signal to latch the address.
HOLD
I
VCC2
HOLD input is unavailable. Connect the HOLD pin to VCC2
via a resistor (pull-up).
HLDA
O
VCC2
In a hold state,
HLDA outputs a low-level signal.
RDY
I
VCC2
The MCU bus is placed in a wait state while the
RDY pin is
driven low.


Similar Part No. - R5F36CAKNFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36CAKNFA RENESAS-R5F36CAKNFA Datasheet
797Kb / 94P
   RENESAS MCU
R5F36CAKNFA RENESAS-R5F36CAKNFA Datasheet
788Kb / 100P
   RENESAS MCU
More results

Similar Description - R5F36CAKNFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
   This MCU consumes low power, and supports operating modes
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
   This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
   This MCU consumes low power, and supports operating modes
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
   Implements Reduced Power Operating Modes
07/14/15
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
   Flexible Operating Modes
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
   Operating supply modes
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
   low-power modes
April 2009 Rev 2
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
   STR75x low power modes
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD Datasheet
84Kb / 1P
   crystal filter that supports surface mounting.
logo
Freescale Semiconductor...
MC68HC08JB8A FREESCALE-MC68HC08JB8A Datasheet
302Kb / 8P
   This addendum provides additional information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com