Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21348KNFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F21348KNFP
Description  The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21348KNFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F21348KNFP Datasheet HTML 1Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 2Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 3Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 4Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 5Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 6Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 7Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 8Page - Renesas Technology Corp R5F21348KNFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
R8C/34K Group
1. Overview
R01DS0040EJ0100 Rev.1.00
Page 2 of 58
Feb 25, 2011
1.1.2
Specifications
Tables 1.1 and 1.2 outline the Specifications for R8C/34K Group.
Table 1.1
Specifications for R8C/34K Group (1)
Item
Function
Specification
CPU
Central processing
unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (f(XIN) = 20 MHz, VCC = 2.7 to 5.5 V)
200 ns (f(XIN) = 5 MHz, VCC = 1.8 to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operation mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM, RAM,
Data flash
Refer to Table 1.3 Product List for R8C/34K Group
Power Supply
Voltage
Detection
Voltage detection
circuit
• Power-on reset
• Voltage detection 3 (detection level of voltage detection 0 and voltage
detection 1 selectable)
I/O Ports
Programmable I/O
ports
• CMOS I/O ports: 36, selectable pull-up resistor
• High current drive ports: 36
Clock
Clock generation
circuits
• 4 circuits: XIN clock oscillation circuit,
High-speed on-chip oscillator (with frequency adjustment function),
Low-speed on-chip oscillator
PLL frequency synthesizer
• Oscillation stop detection: XIN clock oscillation stop detection function
• Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16
• Low power consumption modes:
Standard operating mode (XIN clock, PLL frequency synthesizer, high-speed
on-chip oscillator, low-speed on-chip oscillator), wait mode, stop mode
Interrupts
• Interrupt Vectors: 69
• External: 9 sources (INT × 5, key input × 4)
• Priority levels: 7 levels
Watchdog Timer
• 14 bits × 1 (with prescaler)
• Reset start selectable
• Low-speed on-chip oscillator for watchdog timer selectable
DTC (Data Transfer Controller)
• 1 channel
• Activation sources: 30
• Transfer modes: 2 (normal mode, repeat mode)
Timer
Timer RA
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode, pulse period
measurement mode
Timer RB
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode (PWM
output), programmable one-shot generation mode, programmable wait one-
shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output 3 pins), PWM2 mode (PWM output pin)
Timer RF
16 bits × 1
Input capture mode (input × 1)
Output compare mode (output × 4)
Serial
Interface
UART0, UART1,
UART3
Clock synchronous serial I/O/UART × 3 channel
UART2
Clock synchronous serial I/O, UART, multiprocessor communication function
Synchronous Serial
Communication Unit (SSU)
1 (shared with I2C bus)


Similar Part No. - R5F21348KNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
854Kb / 95P
   RENESAS MCU
R5F21348UDFP RENESAS-R5F21348UDFP Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R5F21348UDXXXFP RENESAS-R5F21348UDXXXFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21348UDXXXFP RENESAS-R5F21348UDXXXFP Datasheet
854Kb / 95P
   RENESAS MCU
More results

Similar Description - R5F21348KNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
   The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
551Kb / 58P
   The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21386MNFP RENESAS-R5F21386MNFP Datasheet
577Kb / 58P
   The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
   The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com