Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F213M8UNNP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F213M8UNNP
Description  The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213M8UNNP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F213M8UNNP Datasheet HTML 4Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 5Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 6Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 7Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 8Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 9Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 10Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 11Page - Renesas Technology Corp R5F213M8UNNP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
R8C/3MU Group
1. Overview
R01DS0037EJ0100 Rev.1.00
Page 8 of 55
Feb 25, 2011
1.5
Pin Functions
Tables 1.5 and 1.6 list Pin Functions.
I: Input
O: Output
I/O: Input and output
Note:
1. Refer to the oscillator manufacturer for oscillation characteristics.
Table 1.5
Pin Functions (1)
Item
Pin Name
I/O Type
Description
Power supply input VCC, VSS
Apply 1.8 to 5.5 V to the VCC pin.
Apply 0 V to the VSS pin.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN clock input
XIN
I
These pins are provided for XIN clock generation circuit I/O.
Connect a ceramic resonator or a crystal oscillator between
the XIN and XOUT pins. (1)
To use an external clock, input it to the XOUT pin and leave
the XIN pin open.
XIN clock output
XOUT
I/O
INT interrupt input
INT0 to INT4
I
INT interrupt input pins.
Key input interrupt
KI0 to KI3
I
Key input interrupt input pins.
Timer RA
TRAIO
I/O
Timer RA I/O pin.
TRAO
O
Timer RA output pin.
Timer RB
TRBO
O
Timer RB output pin.
Timer RC
TRCCLK
I
External clock input pin.
TRCTRG
I
External trigger input pin.
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O pins.
Serial interface
CLK0, CLK1, CLK2,
CLK3
I/O
Transfer clock I/O pins.
RXD0, RXD1, RXD2,
RXD3
I
Serial data input pins.
TXD0, TXD1, TXD2,
TXD3
O
Serial data output pins.
CTS2
I
Transmission control input pin.
RTS2
O
Reception control output pin.
SSU
SSI
I/O
Data I/O pin.
SCS
I/O
Chip-select signal I/O pin.
SSCK
I/O
Clock I/O pin.
SSO
I/O
Data I/O pin.
I2C bus
SCL
I/O
Clock I/O pin.
SDA
I/O
Data I/O pin.
USB
USB_DP/USB_DM
I/O
D+/D- I/O pin of the USB on-chip transceiver.
Connect this pin to the D+/D- pin of the USB bus.
USB_VBUS
I
USB cable connection monitor pin.
Connect this pin to VBUS of the USB bus.
USB_DPUPE
O
1.5-k
Ω pull-up resistor control signal for USB D+ signal.
USB_VCC
I/O
USB power supply pin.


Similar Part No. - R5F213M8UNNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213M8UNNP RENESAS-R5F213M8UNNP Datasheet
831Kb / 93P
   RENESAS MCU
R5F213M8UNNP RENESAS-R5F213M8UNNP Datasheet
831Kb / 93P
   RENESAS MCU
More results

Similar Description - R5F213M8UNNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
   The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21386MNFP RENESAS-R5F21386MNFP Datasheet
577Kb / 58P
   The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
   The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com