Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F213M6UNNP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F213M6UNNP
Description  The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213M6UNNP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F213M6UNNP Datasheet HTML 7Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 8Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 9Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 10Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 11Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 12Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 13Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 14Page - Renesas Technology Corp R5F213M6UNNP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
R8C/3MU Group
2. Central Processing Unit (CPU)
R01DS0037EJ0100 Rev.1.00
Page 11 of 55
Feb 25, 2011
2.1
Data Registers (R0, R1, R2, and R3)
R0 is a 16-bit register for transfer, arithmetic, and logic operations. The same applies to R1 to R3. R0 can be split
into high-order bits (R0H) and low-order bits (R0L) to be used separately as 8-bit data registers. R1H and R1L are
analogous to R0H and R0L. R2 can be combined with R0 and used as a 32-bit data register (R2R0). R3R1 is
analogous to R2R0.
2.2
Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing. It is also
used for transfer, arithmetic, and logic operations. A1 is analogous to A0. A1 can be combined with A0 and as a 32-
bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB is a 20-bit register that indicates the starting address of an interrupt vector table.
2.5
Program Counter (PC)
PC is 20 bits wide and indicates the address of the next instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointers (SP), USP and ISP, are each 16 bits wide. The U flag of FLG is used to switch between
USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8
Flag Register (FLG)
FLG is an 11-bit register indicating the CPU state.
2.8.1
Carry Flag (C)
The C flag retains carry, borrow, or shift-out bits that have been generated by the arithmetic and logic unit.
2.8.2
Debug Flag (D)
The D flag is for debugging only. Set it to 0.
2.8.3
Zero Flag (Z)
The Z flag is set to 1 when an arithmetic operation results in 0; otherwise to 0.
2.8.4
Sign Flag (S)
The S flag is set to 1 when an arithmetic operation results in a negative value; otherwise to 0.
2.8.5
Register Bank Select Flag (B)
Register bank 0 is selected when the B flag is 0. Register bank 1 is selected when this flag is set to 1.
2.8.6
Overflow Flag (O)
The O flag is set to 1 when an operation results in an overflow; otherwise to 0.


Similar Part No. - R5F213M6UNNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
831Kb / 93P
   RENESAS MCU
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
831Kb / 93P
   RENESAS MCU
R5F213M6UNNP RENESAS-R5F213M6UNNP_11 Datasheet
831Kb / 93P
   RENESAS MCU
More results

Similar Description - R5F213M6UNNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
   The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21386MNFP RENESAS-R5F21386MNFP Datasheet
577Kb / 58P
   The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
   The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com