Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-215BUMC-XXXXXXX-TR8-T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 50-215BUMC-XXXXXXX-TR8-T
Description  Top View LEDs (Height 1.2mm)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

50-215BUMC-XXXXXXX-TR8-T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 50-215BUMC-XXXXXXX-TR8-T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LifecyclePhase:
Revision
: (1)
Expired Period: Forever
Release Date:2010-07-07 11:14:14.0
Technical Data Sheet
Top View LEDs (Height 1.2mm)
50-215BUMC/XXXXXXX/TR8-T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 24
Device No.:DSE-0003852
Prepared date:18-June-2010
Prepared by:Ray Liang
Features
Top view white LED
White SMT package
Lead frame package with individual 2 pins
Wide viewing angle
Soldering methods: IR reflow soldering
Pb
-free
The product itself will remain within RoHS
compliant version.
Descriptions
Due to the package design, 50-215B has wide viewing angle, low power consumption and
white LEDs are devices that are materialized by combing blue chips and special phosphor.
This feature makes the LED ideal for light guide application.
Applications
LCD Back Light
Mobile Phones
Indicators
Illuminations
Switch Lights
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
InGaN
Pure White
Water Clear
Coding
50-215BUMC/XX XX XX X/TR8-T
Bin Group of Forward Voltage
Bin Group of Chromaticity Coordinates
Bin Code of Max. Luminous Intensity
Bin Code of Min. Luminous Intensity


Similar Part No. - 50-215BUMC-XXXXXXX-TR8-T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
50-215UMC-XXXXXXX-TR8 EVERLIGHT-50-215UMC-XXXXXXX-TR8 Datasheet
201Kb / 17P
   Side View LEDs (Height 1.4mm)
More results

Similar Description - 50-215BUMC-XXXXXXX-TR8-T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com