Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGK120N60B Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGK120N60B
Description  HiPerFAST IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGK120N60B Datasheet(HTML) 1 Page - IXYS Corporation

  IXGK120N60B_10 Datasheet HTML 1Page - IXYS Corporation IXGK120N60B_10 Datasheet HTML 2Page - IXYS Corporation IXGK120N60B_10 Datasheet HTML 3Page - IXYS Corporation IXGK120N60B_10 Datasheet HTML 4Page - IXYS Corporation IXGK120N60B_10 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Features
Very High Current, Fast Switching IGBT
Low V
CE(sat)
- for Minimum On-State Conduction
Losses
MOS Gate turn-on
- Drive Simplicity
Advantages
PLUS 247TM Package for Clip or Spring
Mounting
Space Savings
High Power Density
Applications
AC Motor Speed Drives
DC Servo and Robot Drives
DC Choppers
Uninterruptible Power Supplies (UPS)
Switch-Mode and Resonant-Mode
Power Supplies
DS98602C(08/10)
HiPerFASTTM IGBTs
V
CES
= 600V
I
C90
= 120A
V
CE(sat)
≤≤≤≤ 2.1V
IXGK120N60B
IXGX120N60B
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C ( Chip Capability )
200
A
I
C90
T
C = 90°C
120
A
I
LRMS
Terminal Current Limit
76
A
I
CM
T
C = 25°C, 1ms
300
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 2.4Ω
I
CM = 200
A
(RBSOA)
Clamped Inductive Load
@ 0.8 • V
CES
V
P
C
T
C = 25°C
660
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062 in.) from Case for 10
260
°C
M
d
Mounting Torque ( IXGK )
1.13/10
Nm/lb.in.
F
C
Mounting Force ( IXGX )
20..120/4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
G = Gate
E
= Emitter
C = Collector
Tab = Collector
PLUS247 (IXGX)
Tab
G
C
E
TO-264 (IXGK)
E
G
C
Tab
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 1mA, V
GE = 0V
600
V
V
GE(th)
I
C
= 4mA, V
CE = VGE
2.5
5.5
V
I
CES
V
CE = VCES, VGE = 0V
200 μA
T
J = 125°C
2 mA
I
GES
V
CE = 0V, VGE = ± 20V
±400 nA
V
CE(sat)
I
C
= I
C90, VGE = 15V, Note 1
2.1
V


Similar Part No. - IXGK120N60B_10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGK120N60B_10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
   HiPerFAST IGBTs C2-Class High Speed
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
   HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
   HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
   HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
   HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
   HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com