Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302PV16 Datasheet(PDF) 72 Page - Motorola, Inc

Part # MC68302PV16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302PV16 Datasheet(HTML) 72 Page - Motorola, Inc

Back Button MC68302PV16 Datasheet HTML 68Page - Motorola, Inc MC68302PV16 Datasheet HTML 69Page - Motorola, Inc MC68302PV16 Datasheet HTML 70Page - Motorola, Inc MC68302PV16 Datasheet HTML 71Page - Motorola, Inc MC68302PV16 Datasheet HTML 72Page - Motorola, Inc MC68302PV16 Datasheet HTML 73Page - Motorola, Inc MC68302PV16 Datasheet HTML 74Page - Motorola, Inc MC68302PV16 Datasheet HTML 75Page - Motorola, Inc MC68302PV16 Datasheet HTML 76Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 480 page
background image
System Integration Block (SIB)
3-22
MC68302 USER’S MANUAL
MOTOROLA
Option 2. The external peripheral can generate the vector. In this case the external device
must decode the interrupt acknowledge cycle, put out the 8-bit vector, and generate DTACK.
The decoding of the interrupt acknowledge cycle can be provided by the IACK7, IACK6, and
IACK1 signals (enabled in the PBCNT register) if either normal or dedicated mode is cho-
sen. These signals eliminate the need for external logic to perform the decoding of the A19–
A16, A3–A1, and FC2–FC0 pins externally to detect the interrupt acknowledge cycle. If the
IACK signals are not needed, they can be regained as general purpose parallel I/O pins. The
external device must generate DTACK in this mode, and DTACK is an input to the IMP.
Option 3. The external peripheral can assert the AVEC pin to cause the M68000 to use an
autovector. In this case, DTACK should not be asserted by the external device. AVEC is rec-
ognized by the M68000 core on the falling edge of S4 and should meet the asynchronous
setup time to the falling edge of S4. The IACK signals can be used to help generate the
AVEC signal for priority levels 1, 6, and 7, if needed.
NOTE
If AVEC is asserted during an interrupt acknowledge cycle, an
autovector is taken, regardless of the vector on the bus. AVEC
should not be asserted during level 4 interrupt acknowledge cy-
cles.
When the IMP generates the vector, the following procedure is used. The three most signif-
icant bits of the interrupt vector number are programmed by the user in the GIMR. These
three bits are concatenated with five bits generated by the interrupt controller to provide an
8-bit vector number to the core. The interrupt controller's encoding of the five low-order bits
of the interrupt vector is shown in Table 3-5. An example vector calculation is shown in Fig-
ure 3-4. When the core initiates an interrupt acknowledge cycle for level 4 and there is no
internal interrupt pending, the interrupt controller encodes the error code 00000 onto the five
low-order bits of the interrupt vector.


Similar Part No. - MC68302PV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302PV16 MOTOROLA-MC68302PV16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302PV16V MOTOROLA-MC68302PV16V Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
More results

Similar Description - MC68302PV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com