Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302PV16 Datasheet(PDF) 65 Page - Motorola, Inc

Part # MC68302PV16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302PV16 Datasheet(HTML) 65 Page - Motorola, Inc

Back Button MC68302PV16 Datasheet HTML 61Page - Motorola, Inc MC68302PV16 Datasheet HTML 62Page - Motorola, Inc MC68302PV16 Datasheet HTML 63Page - Motorola, Inc MC68302PV16 Datasheet HTML 64Page - Motorola, Inc MC68302PV16 Datasheet HTML 65Page - Motorola, Inc MC68302PV16 Datasheet HTML 66Page - Motorola, Inc MC68302PV16 Datasheet HTML 67Page - Motorola, Inc MC68302PV16 Datasheet HTML 68Page - Motorola, Inc MC68302PV16 Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-15
3.1.7.1 Reset
Upon an external chip reset, the IDMA channel immediately aborts the channel operation,
returns to the idle state, and clears CSR and CMR (including the STR bit). If a bus cycle is
in progress when reset is detected, the cycle is terminated, the control and address/data
pins are three-stated, and bus ownership is released. The IDMA can also be reset by RST
in the CMR.
3.1.7.2 Bus Error
When a fatal error occurs during a bus cycle, a bus error exception is used to abort the cycle
and systematically terminate that channel's operation. The IDMA terminates the current bus
cycle, signals an error in the CSR, and generates a maskable interrupt. The IDMA clears
STR and waits for a restart of the channel and the negation of BERR before starting any new
bus cycles.
NOTE
Any data that was previously read from the source into the DHR
will be lost.
3.1.7.3 Halt
IDMA transfer operation may be suspended at any time by asserting HALT to the IDMA. In
response, any bus cycle in progress is completed (after DTACK is asserted), and bus own-
ership is released. No further bus cycles will be started while HALT remains asserted. When
the IDMA is in the middle of an operand transfer when halted and HALT is subsequently ne-
gated, and if a new transfer request is pending, then IDMA will arbitrate for the bus and con-
tinue normal operation.
3.1.7.4 Relinquish and Retry
When HALT and BERR are asserted during a bus cycle, the IDMA terminates the bus cycle,
releases the bus, and suspends any further operation until these signals are negated. When
HALT and BERR are negated, the IDMA will arbitrate for the bus, re-execute the interrupted
bus cycle, and continue normal operation.
3.2 INTERRUPT CONTROLLER
The IMP interrupt controller accepts and prioritizes both internal and external interrupt re-
quests and generates a vector number during the CPU interrupt acknowledge cycle. Inter-
rupt nesting is also provided so that an interrupt service routine of a lower priority interrupt
may be suspended by a higher priority interrupt request. The interrupt controller block dia-
gram is shown in Figure 3-2.
The on-chip interrupt controller has the following features:
• Two Operational Modes: Normal and Dedicated
• Eighteen Prioritized Interrupt Sources (Internal and External)
• A Fully Nested Interrupt Environment
• Unique Vector Number for Each Internal/External Source Generated
• Three Interrupt Request and Interrupt Acknowledge Pairs


Similar Part No. - MC68302PV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302PV16 MOTOROLA-MC68302PV16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302PV16V MOTOROLA-MC68302PV16V Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
More results

Similar Description - MC68302PV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com