Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302PV16 Datasheet(PDF) 62 Page - Motorola, Inc

Part # MC68302PV16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302PV16 Datasheet(HTML) 62 Page - Motorola, Inc

Back Button MC68302PV16 Datasheet HTML 58Page - Motorola, Inc MC68302PV16 Datasheet HTML 59Page - Motorola, Inc MC68302PV16 Datasheet HTML 60Page - Motorola, Inc MC68302PV16 Datasheet HTML 61Page - Motorola, Inc MC68302PV16 Datasheet HTML 62Page - Motorola, Inc MC68302PV16 Datasheet HTML 63Page - Motorola, Inc MC68302PV16 Datasheet HTML 64Page - Motorola, Inc MC68302PV16 Datasheet HTML 65Page - Motorola, Inc MC68302PV16 Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 480 page
background image
System Integration Block (SIB)
3-12
MC68302 USER’S MANUAL
MOTOROLA
DREQ input to the IDMA is level-sensitive and is sampled at certain points to determine
when a valid request is asserted by the device. The device requests service by asserting
DREQ and leaving it asserted. In response, the IDMA arbitrates for the system bus and
begins to perform an operand transfer. During each access to the device, the IDMA will
assert DACK to indicate to the device that a request is being serviced. If DREQ remains
asserted when the IDMA completes the peripheral cycle (the cycle during which DACK is
asserted by the IDMA) one setup time (see specification. 80) before the S5 falling edge
(i.e., before or with DTACK), then a valid request for another operand transfer is recog-
nized, and the IDMA will service the next request immediately. If DREQ is negated one
setup time (see specification 80) before the S5 falling edge, a new request will not be rec-
ognized, and the IDMA will relinquish the bus.
NOTE:
If 8 to 16 bit packing occurs, then the DREQ is sampled during
the last 8-bit cycle.
External Cycle Steal
For external devices that generate a pulsed signal for each operand to be transferred, the
external cycle steal mode uses DREQ as a falling edge-sensitive input. The IDMA will re-
spond to cycle-steal requests in the same manner as for all other requests. However, if
subsequent DREQ pulses are generated before DACK is asserted in response to each
request, they will be ignored. If DREQ is asserted after the IDMA asserts DACK for the
previous request but one setup time (see specification 80) before the S5 falling edge, then
the new request will be serviced before the bus is relinquished. If a new request has not
been generated by one setup time (see specification 80) before the S5 falling edge, the
bus will be released to the next bus master.
3.1.4.5 Block Transfer Termination
The user may stop the channel by clearing STR. Additionally, the channel operation can be
terminated for any of the following reasons: transfer count exhausted, external device termi-
nation, or error termination. This is independent of how requests are generated to the IDMA.
Transfer Count Exhausted
When the channel begins an operand transfer, if the current value of the BCR is one or
two (according to the operand size in the CMR), DONE is asserted during the last bus cy-
cle to the device to indicate that the channel operation will be terminated when the current
operand transfer has successfully completed. In the memory to memory case, DONE is
asserted during the last access to memory (source or destination) as defined by the ECO
bit. When the operand transfer has completed and the BCR has been decremented to ze-
ro, the channel operation is terminated, STR is cleared, and an interrupt is generated if
INTN is set. The SAPR and/or DAPR are also incremented in the normal fashion.
NOTE
If the channel is started with BCR value set to zero, the channel
will transfer 64K bytes.


Similar Part No. - MC68302PV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302PV16 MOTOROLA-MC68302PV16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302PV16V MOTOROLA-MC68302PV16V Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
More results

Similar Description - MC68302PV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com