Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH90N60B3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGH90N60B3
Description  GenX3 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH90N60B3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGH90N60B3 Datasheet HTML 1Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 2Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 3Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 4Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 5Page - IXYS Corporation IXGH90N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Fig. 12. Inductive Switching
Energy Loss vs. Gate Resistance
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2
3
4
5
6
7
8
9
101112
131415
RG - Ohms
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 480V
I C = 90A
I C = 60A
Fig. 17. Inductive Turn-off
Switching Times vs. Junction Temperature
120
140
160
180
200
220
240
260
280
300
320
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
130
140
150
160
170
180
190
200
210
220
230
t f
td(off) - - - -
RG = 2Ω , VGE = 15V
VCE = 480V
I C = 90A, 60A
Fig. 15. Inductive Turn-off
Switching Times vs. Gate Resistance
240
250
260
270
280
290
300
2
3
4
5
6
7
8
9
10
11 12
13 14
15
RG - Ohms
100
200
300
400
500
600
700
t f
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 480V
I C = 90A
I C = 60A
Fig. 13. Inductive Switching
Energy Loss vs. Collector Current
0
1
2
3
4
5
6
7
8
30
40
50
60
70
80
90
IC - Amperes
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Eoff
Eon - - - -
RG = 2Ω , VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching
Energy Loss vs. Junction Temperature
0
1
2
3
4
5
6
7
8
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Eoff
Eon - - - -
RG = 2Ω , VGE = 15V
VCE = 480V
I C = 90A
I C = 60A
Fig. 16. Inductive Turn-off
Switching Times vs. Collector Current
0
50
100
150
200
250
300
350
400
450
30
40
50
60
70
80
90
IC - Amperes
120
140
160
180
200
220
240
260
280
300
t f
td(off) - - - -
RG = 2Ω , VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC
IXGH90N60B3


Similar Part No. - IXGH90N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
logo
Inchange Semiconductor ...
IXGH90N60B3 ISC-IXGH90N60B3 Datasheet
328Kb / 3P
   IGBT
More results

Similar Description - IXGH90N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
   GenX3 600V IGBT
IXGL200N60B3 IXYS-IXGL200N60B3 Datasheet
217Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH72N60C3 IXYS-IXGH72N60C3 Datasheet
172Kb / 6P
   GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
   GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com