Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3650EDFA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F3650EDFA
Description  This MCU consumes low power, and supports operating modes
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650EDFA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F3650EDFA Datasheet HTML 2Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 3Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 4Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 5Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 6Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 7Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 8Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 9Page - Renesas Technology Corp R5F3650EDFA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
R01DS0031EJ0200 Rev.2.00
Page 6 of 111
Feb 07, 2011
M16C/65 Group
1. Overview
1.3
Product List
Table 1.5 and Table 1.6 list product information. Figure 1.1 shows the Part No., with Memory Size and
Package, and Figure 1.2 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Previous package codes are as follows:
PLQP0128KB-A: 128P6Q-A
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
Table 1.5
Product List (1/2)
As of December, 2010
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36506NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36506NFB
PLQP0100KB-A
R5F36506DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36506DFB
PLQP0100KB-A
R5F3651ENFC
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650ENFA
PRQP0100JD-B
R5F3650ENFB
PLQP0100KB-A
R5F3651EDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650EDFA
PRQP0100JD-B
R5F3650EDFB
PLQP0100KB-A
R5F3651KNFC
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650KNFA
PRQP0100JD-B
R5F3650KNFB
PLQP0100KB-A
R5F3651KDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650KDFA
PRQP0100JD-B
R5F3650KDFB
PLQP0100KB-A
R5F3651MNFC
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650MNFA
PRQP0100JD-B
R5F3650MNFB
PLQP0100KB-A
R5F3651MDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650MDFA
PRQP0100JD-B
R5F3650MDFB
PLQP0100KB-A
R5F3651NNFC
512 KB
16 KB
4 KB × 2
blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650NNFA
PRQP0100JD-B
R5F3650NNFB
PLQP0100KB-A
R5F3651NDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650NDFA
PRQP0100JD-B
R5F3650NDFB
PLQP0100KB-A
R5F3651RNFC
640 KB
16 KB
4 KB
× 2 blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650RNFA
PRQP0100JD-B
R5F3650RNFB
PLQP0100KB-A
R5F3651RDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650RDFA
PRQP0100JD-B
R5F3650RDFB
PLQP0100KB-A


Similar Part No. - R5F3650EDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3650EDFA RENESAS-R5F3650EDFA Datasheet
10Mb / 829P
   RENESAS MCU M16C FAMILY / M16C/60
R5F3650EDFA RENESAS-R5F3650EDFA Datasheet
1Mb / 112P
   RENESAS MCU
R5F3650EDFA RENESAS-R5F3650EDFA Datasheet
999Kb / 115P
   RENESAS MCU
R5F3650EDFA RENESAS-R5F3650EDFA Datasheet
999Kb / 115P
   RENESAS MCU
More results

Similar Description - R5F3650EDFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F363A6NFA RENESAS-R5F363A6NFA_11 Datasheet
918Kb / 119P
   This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
   This MCU consumes low power, and supports operating modes
R5F36CAMNFA RENESAS-R5F36CAMNFA_11 Datasheet
769Kb / 99P
   This MCU consumes low power, and supports operating modes that allow additional
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
   Implements Reduced Power Operating Modes
07/14/15
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
   Flexible Operating Modes
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
   Operating supply modes
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
   low-power modes
April 2009 Rev 2
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
   STR75x low power modes
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
   Using STM32F4 MCU power modes with best dynamic efficiency
LSM330 STMICROELECTRONICS-LSM330 Datasheet
1Mb / 75P
   Power-down and sleep modes
December 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com