Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT64N60A3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGT64N60A3
Description  GenX3 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT64N60A3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGT64N60A3 Datasheet HTML 1Page - IXYS Corporation IXGT64N60A3 Datasheet HTML 2Page - IXYS Corporation IXGT64N60A3 Datasheet HTML 3Page - IXYS Corporation IXGT64N60A3 Datasheet HTML 4Page - IXYS Corporation IXGT64N60A3 Datasheet HTML 5Page - IXYS Corporation IXGT64N60A3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXGH64N60A3
IXGT64N60A3
Fig. 12. Inductive Switching
Energy Loss vs. Gate Resistance
4
5
6
7
8
9
10
11
12
13
14
15
16
0
5
10
15
20
25
30
35
RG - Ohms
2
3
4
5
6
7
8
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 480V
I C = 100A
I C = 50A
Fig. 15. Inductive Turn-off
Switching Times vs. Gate Resistance
340
350
360
370
380
390
400
410
0
5
10
15
20
25
30
35
RG - Ohms
300
400
500
600
700
800
900
1000
t f
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 480V
I C = 50A
I C = 100A
I C = 100A
Fig. 14. Inductive Switching
Energy Loss vs. Collector Current
0
2
4
6
8
10
12
14
16
20
30
40
50
60
70
80
90
100
IC - Amperes
0
1
2
3
4
5
6
7
8
Eoff
Eon - - - -
RG = 3Ω , VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Inductive Switching
Energy Loss vs. Junction Temperature
0
2
4
6
8
10
12
14
16
18
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0
1
2
3
4
5
6
7
8
9
Eoff
Eon - - - -
RG = 3Ω , VGE = 15V
VCE = 480V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off
Switching Times vs. Collector Current
180
200
220
240
260
280
300
320
340
360
380
400
420
20
30
40
50
60
70
80
90
100
IC - Amperes
240
260
280
300
320
340
360
380
400
420
440
460
480
t f
td(off) - - - -
RG = 3Ω , VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off
Switching Times vs. Junction Temperature
200
220
240
260
280
300
320
340
360
380
400
420
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
200
225
250
275
300
325
350
375
400
425
450
475
t f
td(off) - - - -
RG = 3Ω , VGE = 15V
VCE = 480V
I C = 100A, 50A


Similar Part No. - IXGT64N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT64N60A3 IXYS-IXGT64N60A3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGT64N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGL200N60B3 IXYS-IXGL200N60B3 Datasheet
217Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH72N60C3 IXYS-IXGH72N60C3 Datasheet
172Kb / 6P
   GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
   GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com