Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT60N60C3D1 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXGT60N60C3D1
Description  GenX3 600V IGBTs with Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT60N60C3D1 Datasheet(HTML) 7 Page - IXYS Corporation

  IXGT60N60C3D1 Datasheet HTML 1Page - IXYS Corporation IXGT60N60C3D1 Datasheet HTML 2Page - IXYS Corporation IXGT60N60C3D1 Datasheet HTML 3Page - IXYS Corporation IXGT60N60C3D1 Datasheet HTML 4Page - IXYS Corporation IXGT60N60C3D1 Datasheet HTML 5Page - IXYS Corporation IXGT60N60C3D1 Datasheet HTML 6Page - IXYS Corporation IXGT60N60C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
200
600
1000
0
400
800
60
70
80
90
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
040
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
5
10
15
20
0.00
0.25
0.50
0.75
1.00
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
5
10
15
20
25
30
100
1000
0
200
400
600
800
1000
01
23
0
10
20
30
40
50
60
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
Z
thJC
A/
µs
µs
DSEP 29-06
T
VJ= 150°C
T
VJ= 100°C
T
VJ= 25°C
T
VJ= 100°C
V
R = 300V
I
F= 60A
I
F= 30A
I
F= 15A
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F= 60A
I
F= 30A
I
F= 15A
Fig. 21 Forward current I
F versus VF
Fig. 22 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 23 Peak reverse current I
RM
versus -di
F/dt
t
fr
V
FR
I
F= 60A
I
F= 30A
I
F= 15A
Q
r
I
RM
Fig. 24 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 25 Recovery time t
rr versus -diF/dt
Fig. 26 Peak forward voltage V
FR and
t
fr versus diF/dt
Fig. 27 Transient thermal resistance junction to case
T
VJ= 100°C
V
R = 300V
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.502
0.0052
2
0.193
0.0003
3
0.205
0.0162
IXGH60N60C3D1
IXGT60N60C3D1
IXYS REF: G_60N60C3(6D)01-15-10-E


Similar Part No. - IXGT60N60C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT60N60C2 IXYS-IXGT60N60C2 Datasheet
584Kb / 5P
   HiPerFASTTM IGBT C2-Class High Speed IGBTs
More results

Similar Description - IXGT60N60C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
   GenX3 1400V IGBTs w/ Diode
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
   GenX3 1400V IGBTs w/ Diode
IXGP36N60A3 IXYS-IXGP36N60A3_09 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
IXGH48N60C3D1 IXYS-IXGH48N60C3D1 Datasheet
209Kb / 7P
   GenX3 600V IGBT with Diode
IXGA30N60C3D4 IXYS-IXGA30N60C3D4 Datasheet
294Kb / 7P
   GenX3 600V IGBT With Diode
IXGH48N60B3D1 IXYS-IXGH48N60B3D1 Datasheet
208Kb / 7P
   GenX3 600V IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com